Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSAS3F3CY2202 Datasheet(PDF) 62 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2202 Datasheet(HTML) 62 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2202 Datasheet HTML 58Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 59Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 60Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 61Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 62Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 63Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 64Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 65Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 66Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-61
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.8
Inductive Proximity Sensors
Metal Face Sensors
Wiring Diagrams
Pin numbers are for reference, rely on pin location when wiring.
Metal Face Sensors
Dimensions
Approximate Dimensions in Inches (mm)
Metal Face Sensors
Connector Models
Operating
Voltage
Output
Micro-Connector Models
(Face View Male Shown)
Two-Wire Sensors
20–250 Vac/dc
50/60 Hz
NO
Three-Wire Sensors
10–30 Vdc
NO
(NPN)
NO
(PNP)
Catalog Number
A
B
C
D
Two-Wire Models
E57FAL12A2SA-M
M x 12
2.67 (68)
1.10 (28)
1.58 (40)
E57FAL30A2SA-M
M x 30
3.70 (94)
1.34 (34)
2.36 (60)
Three-Wire Models
E57FAL12T111SD-M
M x 12
2.67 (68)
1.02 (26)
1.65 (42)
E57FAL18T110SD-M
M x 18
3.11 (79)
1.14 (29)
1.97 (50)
E57FAL18T111SD-M
M x 18
3.11 (79)
1.14 (29)
1.97 (50)
L2
L1
Load
(–)
+V
Load
(–)
+V
Load
“A”
LED
“C”
“D”
“B”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com