Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSAS3F3CY2202 Datasheet(PDF) 95 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2202 Datasheet(HTML) 95 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2202 Datasheet HTML 91Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 92Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 93Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 94Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 95Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 96Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 97Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 98Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 99Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 102 page
background image
V8-T3-94
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.16 Inductive Proximity Sensors
E51 Modular Limit Switch Style Sensors
Technical Data and Specifications
E51 Modular Limit Switch Style Sensors
Wiring Diagrams
Pin numbers are for reference, rely on pin location when wiring.
E51 Modular Limit Switch Style Sensors
Note
1 Changing output switch on sensor head will reverse output function (NO becomes NC, and NC becomes NO).
Description
Specification
Output rating (NEMA D150)
AC/DC models
0.5 A continuous
AC models
1 A continuous
DC models
0.6 A continuous
Protection
Latching short-circuit protection on two-wire AC/DC models; DC models: resettable short-circuit protection
Switching rate
AC models: 15 Hz; DC models: 50 Hz
Indicator LEDs
Lights when output is ON. One LED for each output
Alternate frequency
Standard and alternate frequencies allow side-by-side operation without interference
Enclosure material
Zinc die cast
Gasket material
Viton
Enclosure ratings
NEMA 3, 3S, 4, 4X, 6, 6P, 12 and 13 (IP67); E51SCN sensor body only: NEMA 4, 4X and 13
Hazardous locations ratings
Class I
Division II—GRPS ABCD
Class II
Division II—GRPS F and G
Class III
Division 2
Temperature range
–13 to 158 °F (–25 to 70 °C)
Torque requirements
Switch body screws: 25–30 in-lbs; sensing head screws: 14–18 in-lbs
Vibration
10–55 Hz, 1 mm amplitude
Shock
30 g, 11 ms, 1/2 sine wave
Humidity
95% non-condensing
Burden current
<25 mA
OFF-state leakage
DC version: 120 μA; two-wire AC: 1.9 mA maximum; three-wire AC: 1.1 mA
ON-state leakage
<2.5 Vdc
Power-up delay
<150 ms
Operating
Voltage
Output
Terminal and Cable Models
Mini-Connector Models
(Face View Male Shown)
Two-Wire Sensors
20–264 Vac or
Vdc 50/60 Hz
NO or NC (NO shown, can
be changed to NC using
switch on sensor head)
Four-Wire Sensors
120 Vac 50/60 Hz
NO and NC 1
10–30 Vdc
NO and NC NPN 1
NO and NC PNP 1
2
1
4
3
L2
or (–)
L1
or +V
Load
Black
White
Green
L1 or
(–)
L2
or +V
Load
2
1
4
3
L2
L1
Load
Load
Black
White
Orange
Red
Green
Load
Load
N.C.
N.O.
L2
L1
2
1
4
3
(–)
+V
Load
Load
Black
White
Orange
Red
Green
(–)
+V
Load
Load
N.O.
N.C.
2
1
4
3
(–)
+V
Load
Load
Black
White
Orange
Red
Green
(–)
+V
Load
Load
N.C.
N.O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com