Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSAS3F3CY2202 Datasheet(PDF) 58 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2202 Datasheet(HTML) 58 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2202 Datasheet HTML 54Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 55Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 56Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 57Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 58Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 59Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 60Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 61Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 62Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-57
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.7
Inductive Proximity Sensors
Ferrous Only Tubular Sensors
Technical Data and Specifications
Ferrous Only Tubular Sensors
Wiring Diagrams
Pin numbers are for reference, rely on pin location when wiring.
Ferrous Only Tubular Sensors
Dimensions
Approximate Dimensions in Inches (mm)
Ferrous Only Tubular Sensors
Connector Models
Description
Two-Wire AC/DC Sensors
Three-Wire DC Sensors
Operating voltage
20–250 Vac/dc
10–30 Vdc
Maximum load current
100 mA
100 mA
Switching frequency
15 Hz
1000 Hz
Leakage current
2.5 mA maximum
<0.01 mA
Voltage drop
10 V maximum
1.5 V maximum
Holding current
5 mA minimum
—
Burden current
—
17 mA
Protection
Transient, power on false pulse suppression
Short-circuit protection
Switching hysteresis
<15% rated sensing distance
<15% rated sensing distance
Repeat accuracy
<1% sensing distance
<1% sensing distance
Time delay before availability
<10 ms
<10 ms
Output indicator LED
Lights when output is ON
Lights when output is ON
Operating temperature
–13 to 131 °F (–25 to 55 °C)
–13 to 131 °F (–25 to 55 °C)
Enclosure ratings
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67)
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67)
Shock
30 g sine wave, 11 ms per IEC68-2-76
30 g sine wave, 11 ms per IEC68-2-76
Vibration
10 to 55 Hz, 1 mm amplitude in all three planes
10 to 55 Hz, 1 mm amplitude in all three planes
Housing material
Stainless steel
Stainless steel
Operating Voltage
Connector Models (Face View Male Shown)
Output
Micro
Mini
Two-Wire Sensors
20–250 Vac/dc
50/60 Hz
NO
Three-Wire Sensors
10–30 Vdc
NO
(PNP)
—
Catalog Number
A
B
C
D
Two-Wire Models
E57FAL18A2SA
M18 x 1
3.11 (79)
1.38 (35)
1.73 (44)
E57FAL18A2B1
M18 x 1
3.90 (99)
1.34 (34)
2.56 (65)
Three-Wire Models
E57FAL18T111SD
M18 x 1
3.11 (79)
1.14 (29)
1.97 (50)
L2
L1
Load
L1
L2
Load
(–)
+V
Load
“A”
LED
“B”
“C”
“D”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com