Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSAS3F3CY2202 Datasheet(PDF) 80 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2202 Datasheet(HTML) 80 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2202 Datasheet HTML 76Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 77Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 78Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 79Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 80Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 81Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 82Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 83Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 84Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-79
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
For Customer Service in the U.S. call 1-877-ETN CARE (386-2273),
in Canada call 1-800-268-3578.
For Application Assistance in the U.S. and Canada
call 1-800-426-9184.
3.13
Inductive Proximity Sensors
E52 Cube Style Sensors
E52 Cube Style Sensors
Contents
Description
Page
E52 Cube Style Sensors
Product Selection
E52 Cube Style Sensors . . . . . . . . . . . . . . .
V8-T3-80
Compatible Connector Cables . . . . . . . . . . .
V8-T3-80
Technical Data and Specifications . . . . . . . . . .
V8-T3-81
Wiring Diagrams . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-81
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-82
E52 Cube Style Sensors
Product Description
The E52 Cube Sensor from
Eaton’s Electrical Sector is a
high performance inductive
proximity sensor, providing
long sensing ranges in a
compact, industry-standard
package.
The E52 Cube family features
Eaton’s Autoconfigure
output technology, which
automatically detects NPN
or PNP wiring states and
switches the sensor
accordingly, without user
intervention. The E52 also
utilizes complementary
outputs to further reduce
the number of models
needed to cover a wide
array of inductive sensing
applications. Individual power
and output LEDs make
installation and troubleshooting
easy. Combine the above
features with the range and
five-way mounting flexibility
of the E52 Cube family, and
chances are there’s an E52
solution to your sensing needs.
The E52 Cube was designed
with the most heavy-duty
applications in mind. Some of
those applications include
automotive manufacturing,
aggregate machinery, and
metalworking applications.
Try the E52 Cube in some
your most demanding
applications today.
Application Description
Typical Applications
●
Automotive manufacturing
●
Metalworking
●
Machinery OEMs
●
Pipe and rod manufacturing
●
Block and brick
manufacturing equipment
●
Amusement parks
●
Heavy-duty trucks, cranes
and lifts
Features
●
Long inductive proximity
ranges available (up to
40 mm sensing distance)
●
Four-wire DC models have
complementary outputs
(1NO-1NC)
●
Four-wire DC models use
auto-configure technology,
which allows the sensor to
automatically adapt for
NPN or PNP without user
intervention
●
Robust design featuring
vibration and impact-
absorbing potting
compound
●
Ideal for extreme
temperatures or high
pressure washdown
environments
Standards and Certifications
●
UL Listed, E166051
●
UL Tested to Canadian
safety standards
●
CE (DC models only)
●
RoHS Compliant
DANGER
THIS SENSOR IS NOT A
SAFETY DEVICE AND IS NOT
INTENDED TO BE USED AS A
SAFETY DEVICE. This sensor
is designed only to detect
and read certain data in an
electronic manner and
perform no use apart from
that, specifically no safety-
related use. This sensor
product does not include
self-checking redundant
circuitry, and the failure of
this sensor product could
cause either an energized
or de-energized output
condition, which could result
in death, serious bodily
injury, or property damage.
For the most current information
on this product, visit our Web site:
www.eaton.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com