Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSAS3F3CY2202 Datasheet(PDF) 101 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2202 Datasheet(HTML) 101 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2202 Datasheet HTML 94Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 95Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 96Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 97Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 98Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 99Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 100Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 101Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 102Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 101 / 102 page
background image
V8-T3-100
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.17 Inductive Proximity Sensors
E51 Limit Switch Style, Factory Sealed 6P+ Sensors
Wiring Diagrams
Pin numbers are for reference, rely on pin location when wiring.
E51 Limit Switch Style, Factory Sealed 6P+
Dimensions
Approximate Dimensions in mm [in]
E51 Limit Switch Style, Factory Sealed 6P+
Note
1 Can accommodate both U.S., 29.4 [1.16] x 59.5 [2.34] and DIN, 30 [1.18] x 60 [2.36],
mounting dimensions.
Operating
Voltage
Output
Mini-Connector Models
Cable Models
(Face View Male Shown)
Two-Wire Sensors
20–264 Vac or
Vdc 50/60 Hz
NO or NC (NO shown)
Four-Wire Sensors
120 Vac
50/60 Hz
NO and NC
10–30 Vdc
NO and NC NPN
NO and NC PNP
2
1
4
3
L2
or (–)
L1
or +V
Load
Black
White
Green
L1 or
(–)
L2
or +V
Load
2
1
4
3
L2
L1
Load
Load
Black
White
Orange
Red
Green
Load
Load
N.C.
N.O.
L2
L1
2
1
4
3
(–)
+V
Load
Load
Black
White
Orange
Red
Green
(–)
+V
Load
Load
N.O.
N.C.
2
1
4
3
(–)
+V
Load
Load
Black
White
Orange
Red
Green
(–)
+V
Load
Load
N.C.
N.O.
16.3
[0.64]
10.2
[0.4]
79.5
[3.13]
11.4
[0.45]
39.0
[1.54]
6.20
[0.24]
5.20
[0.204]
25.0
[0.99]
35.1
[1.38]
38.4
[1.51]
20.1
[0.79]
125.9
[4.96]
28.7
[1.13]
40.1
[1.58]
[10–32] Tap 9.65 [0.38] Deep
Two Holes for Rear Mtg.
C
L
C
L
Cable Pig Tail or
Mini Pin Connector
Factory Assembled
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com