Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSAS3F3CY2210 Datasheet(PDF) 56 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2210 Datasheet(HTML) 56 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2210 Datasheet HTML 52Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 53Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 54Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 55Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 56Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 57Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 58Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 59Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 60Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-55
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
For Customer Service in the U.S. call 1-877-ETN CARE (386-2273),
in Canada call 1-800-268-3578.
For Application Assistance in the U.S. and Canada
call 1-800-426-9184.
3.7
Inductive Proximity Sensors
Ferrous Only Tubular Sensors
Ferrous Only Tubular Sensors
Contents
Description
Page
Ferrous Only Tubular Sensors
Product Selection
Ferrous Only Tubular Sensors . . . . . . . . . . .
V8-T3-56
Compatible Connector Cables . . . . . . . . . . .
V8-T3-56
Accessories . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-56
Technical Data and Specifications . . . . . . . . . .
V8-T3-57
Wiring Diagrams . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-57
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-57
Ferrous Only Tubular Sensors
Product Description
These unique Inductive
Proximity Sensors have been
specially made by Eaton’s
Electrical Sector to detect
only a specific type of metal.
Ferrous Only models will
detect only ferrous metals
such as steel, iron, nickel
or cobalt.
A typical application for
Ferrous Only sensors would
be in workcell applications
where cutting tools, tool
pallets and fixtures must
be detected for proper
workpiece manipulation.
The sensors detect ferrous
objects while ignoring
aluminum.
These sensors are available in
a standard 18 mm diameter,
and are epoxy filled for shock/
vibration resistance and heat
tolerance.
Features
●
Ferrous Only sensors
detect ferrous metals,
such as steel or iron, while
ignoring non-ferrous
metals
●
Selection of two-wire
and three-wire, AC/DC and
DC-only sensor models
●
Wide operating
temperature range: –13 to
158 °F (–25 to 70 °C)
Standards and Certifications
●
CSA Certified
●
Products certified by
CSA for US
●
CE
●
RoHS Compliant
DANGER
THIS SENSOR IS NOT A
SAFETY DEVICE AND IS NOT
INTENDED TO BE USED AS A
SAFETY DEVICE. This sensor
is designed only to detect
and read certain data in an
electronic manner and
perform no use apart from
that, specifically no safety-
related use. This sensor
product does not include
self-checking redundant
circuitry, and the failure of
this sensor product could
cause either an energized
or de-energized output
condition, which could result
in death, serious bodily
injury, or property damage.
For the most current information
on this product, visit our Web site:
www.eaton.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com