Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSAS3F3CY2210 Datasheet(PDF) 79 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2210 Datasheet(HTML) 79 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2210 Datasheet HTML 75Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 76Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 77Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 78Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 79Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 80Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 81Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 82Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 83Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
V8-T3-78
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.12 Inductive Proximity Sensors
Nonmetallic Tubular Sensors
Technical Data and Specifications
Nonmetallic Tubular Sensors
Wiring Diagrams
Nonmetallic Tubular Sensors
Dimensions
Approximate Dimensions in Inches (mm)
12 and 18 mm
30 mm
Description
Two-Wire AC Models
Three-Wire DC Models
Operating voltage
20–250 Vac, 50/60 Hz
10–30 Vdc
Maximum load current
150 mA
200 mA
Switching frequency
12 mm
25 Hz
2000 Hz (shielded); 1000 Hz (unshielded)
18 mm
25 Hz
1000 Hz (shielded); 500 Hz (unshielded)
30 mm
25 Hz
300 Hz (shielded); 150 Hz (unshielded)
Protection
—
Short circuit and reverse polarity
Temperature range
–13 to 158 °F (–25 to 70 °C)
–13 to 158 °F (–25 to 70 °C)
Enclosure material
Polybutylene Teraphtalate (PBT)
Polybutylene Teraphtalate (PBT)
Enclosure rating
NEMA 3, 3S, 4, 4X, 13 (IP66)
NEMA 3, 3S, 4, 4X, 13 (IP66)
Indicator LED
Lights when output is ON
Lights when output is ON
Operating
Voltage
Output
Cable Models
Operating
Voltage
Output
Cable Models
Two-Wire Sensors
Three-Wire Sensors
20–250 Vac
50/60 Hz
All
10–30 Vdc
NPN
PNP
BU
BN
Load
L1 or +V
L2 or (–)
BU
BN
(–)
+V
BK
Load
BU
BN
(_)
+V
BK
Load
AB
Thread Size
C
12 mm
2.17 (55)
1.77 (45)
M12 x 1
18 mm
2.17 (55)
1.77 (45)
M18 x 1
AB
Thread Size
C
30 mm
3.15 (80)
2.36 (60)
M30 x 1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com