Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSAS3F3CY2210 Datasheet(PDF) 57 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2210 Datasheet(HTML) 57 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2210 Datasheet HTML 53Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 54Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 55Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 56Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 57Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 58Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 59Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 60Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 61Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 102 page
background image
V8-T3-56
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.7
Inductive Proximity Sensors
Ferrous Only Tubular Sensors
Product Selection
Ferrous Only Tubular Sensors
Two-Wire Sensors
Three-Wire Sensors
Compatible Connector Cables
Standard Cables 1
Accessories
Ferrous Only Tubular Sensors
Notes
See listing of compatible connector cables above.
1 For a full selection of connector cables, see Tab 10, section 10.1.
Operating
Voltage
Sensing
Range (Sn)
Shielding
Connection Type
NO Output
Catalog Number
18 mm Diameter
20–250 Vac/dc
50/60 Hz
5.0 mm
Shielded
3-pin micro AC connector
E57FAL18A2SA
3-pin mini-connector
E57FAL18A2B1
Operating
Voltage
Sensing
Range (Sn)
Shielding
Connection Type
NO Output
Catalog Number
18 mm Diameter
10–30 Vdc
5.0 mm
Shielded
(PNP)
4-pin micro DC connector
E57FAL18T111SD
Current
Rating at 600 V
Voltage
Style
Number
of Pins
Gauge
Length
Pin Configuration/Wire Colors
(Face View Female Shown)
PVC Jacket
Catalog Number
PUR Jacket
Catalog Number
Micro-Style, Straight Female
—AC
3-pin,
3-wire
22 AWG
6.0 ft (2m)
CSAS3F3CY2202
CSAS3F3RY2202
—DC
4-pin,
3-wire
22 AWG
6.0 ft (2m)
CSDS4A3CY2202
CSDS4A3RY2202
Mini-Style, Straight Female
Catalog Number
13 A
—
3-pin
16 AWG
6.0 ft (2m)
CSMS3F3CY1602
Description
Reference
Mounting brackets
See Tab 8,
section 8.2
Replacement mounting nuts and other accessories
See Tab 8,
section 8.3
Connector cables
See Tab 10,
section 10.1
18 mm
18 mm
Micro-Style
Straight Female
Mini-Style
Straight Female
1-Green
2-Red/Black
3-Red/White
1-Brown
2-No Wire
3-Blue
4-Black
1-Green
2-Black
3-White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com