Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSAS3F3CY2210 Datasheet(PDF) 35 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2210 Datasheet(HTML) 35 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2210 Datasheet HTML 31Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 32Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 33Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 34Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 35Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 36Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 37Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 38Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 39Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 102 page
background image
V8-T3-34
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.4
Inductive Proximity Sensors
E57G General Purpose Proximity Sensors
Dimensions
Approximate Dimensions in Inches (mm)
E57G General Purpose Proximity Sensors
Cable Models
Connector Models
Size
Shielding
Overall Length
A
Threaded Length
B
Cap Height
C
Nut Width
D
Thread Size
E
Three-Wire DC Sensors—Cable Models
12 mm
Shielded
2.52 (64.1)
1.98 (50.3)
—
0.67 (16.8)
M12 x 1
Unshielded
2.52 (64.1)
1.80 (45.8)
0.20 (5.0)
0.67 (16.8)
M12 x 1
18 mm
Shielded
2.59 (65.9)
2.00 (50.9)
—
0.94 (23.8)
M18 x 1
Unshielded
2.59 (65.9)
1.75 (44.4)
0.28 (7.0)
0.94 (23.8)
M18 x 1
30 mm
Shielded
2.67 (67.7)
1.98 (50.3)
—
1.41 (35.9)
M30 x 1.5
Unshielded
2.67 (67.7)
1.49 (37.8)
0.51 (13.0)
1.41 (35.9)
M30 x 1.5
Three-Wire DC Sensors—Micro-Connector Models
12 mm
Shielded
2.70 (68.7)
1.98 (50.3)
—
0.67 (16.8)
M12 x 1
Unshielded
2.70 (68.7)
1.80 (45.8)
0.20 (5.0)
0.67 (16.8)
M12 x 1
18 mm
Shielded
2.72 (69.2)
2.00 (50.9)
—
0.94 (23.8)
M18 x 1
Unshielded
2.72 (69.2)
1.75 (44.4)
0.28 (7.0)
0.94 (23.8)
M18 x 1
30 mm
Shielded
2.79 (70.9)
1.98 (50.3)
—
1.41 (35.9)
M30 x 1.5
Unshielded
2.79 (70.9)
1.49 (37.8)
0.51 (13.0)
1.41 (35.9)
M30 x 1.5
D
C
Sensing Face
Thread Type E
B
A
D
C
Sensing Face
Thread Type E
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com