Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSAS3F3CY2210 Datasheet(PDF) 69 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2210 Datasheet(HTML) 69 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2210 Datasheet HTML 65Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 66Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 67Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 68Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 69Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 70Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 71Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 72Page - Eaton All Rights Reserved. CSAS3F3CY2210 Datasheet HTML 73Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 102 page
background image
V8-T3-68
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.10 Inductive Proximity Sensors
Small Diameter (4, 5, 6.5, 8 mm) Sensors
Compatible Connector Cables
Standard Cables1
Accessories
Small Diameter Sensors
Note
1 For a full selection of connector cables, see Tab 10, section 10.1.
Voltage
Style
Number
of Pins
Gauge
Length
Pin Configuration/Wire Colors
(Face View Female Shown)
PVC Jacket
Catalog Number
PUR Jacket
Catalog Number
Micro-Style, Straight Female
DC
4-pin,
3-wire
22 AWG
6.0 ft (2m)
CSDS4A3CY2202
CSDS4A3RY2202
4-pin,
4-wire
22 AWG
6.0 ft (2m)
CSDS4A4CY2202
CSDS4A4RY2202
Nano-Style, Straight Female
—
3-pin
24 AWG
6.0 ft (2m)
CSNS3A3CY2402
CSNS3A3RY2402
Description
Reference
Mounting brackets
See Tab 8,
section 8.2
Replacement mounting nuts and other accessories
See Tab 8,
section 8.3
Connector cables
See Tab 10,
section 10.1
Micro-Style
Straight Female
Nano-Style
Straight Female
1-Brown
2-No Wire
3-Blue
4-Black
1-Brown
2-White
3-Blue
4-Black
1-Brown
3-Blue
4-Black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com