Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT75VL00D Datasheet(PDF) 43 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 43 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 39Page - Exar Corporation XRT75VL00D Datasheet HTML 40Page - Exar Corporation XRT75VL00D Datasheet HTML 41Page - Exar Corporation XRT75VL00D Datasheet HTML 42Page - Exar Corporation XRT75VL00D Datasheet HTML 43Page - Exar Corporation XRT75VL00D Datasheet HTML 44Page - Exar Corporation XRT75VL00D Datasheet HTML 45Page - Exar Corporation XRT75VL00D Datasheet HTML 46Page - Exar Corporation XRT75VL00D Datasheet HTML 47Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
38
0x01
R/W
D0
DMOIE
Writing a “1” to this bit field enables the DMO inter-
rupt and triggers an interrupt when the transmitter
driver fails. Writing a “0” disables the interrupt.
0
D1
RLOSIE
Writing a “1” to this bit field enables the RLOS inter-
rupt and triggers an interrupt when the RLOS condi-
tion occurs. Writing a “0” disables the interrupt.
0
D2
RLOLIE
Writing a “1” to this bit field enables the RLOL inter-
rupt and triggers an interrupt when RLOL condition
occurs. Writing a “0” disables the interrupt.
0
D3
FLIE
Writing a “1” to this bit field enables the FL interrupt
and triggers an interrupt when the FIFO Limit of the
Jitter Attenuator is within 2 bits of overflow/underflow
condition. Writing a “0” disables the interrupt.
NOTE:
This bit field is ignored when the Jitter
Attenuator is disabled.
0
D4
PRBSIE
Writing a “1” to this bit enables the PRBS bit error
interrupt.
0
D5
CNT_SATIE
Writing a “1” to this bit enables the PRBS error-
counter saturation interrupt. When the PRBS error
counter reaches 0xFFFF, an interrupt will be gener-
ated.
0
0x02
Reset
Upon
Read
D0
DMOIS
This bit is set to “1” every time a DMO status change
has occurred since the last cleared interrupt.This bit
is cleared when read.
0
D1
RLOSIS
This bit is set to “1” every time a RLOS status change
has occurred since the last cleared interrupt. This bit
is cleared when read.
0
D2
RLOLIS
This bit is set to “1” every time a RLOL status change
has occurred since the last cleared interrupt. This bit
is cleared when read.
0
D3
FLIS
This bit is set to “1” every time a FIFO Limit status
change has occurred since the last cleared interrupt.
This bit is cleared when read.
0
D4
PRBSIS
This bit is set to “1” when a PRBS bit error
is
detected. This bit is cleared when read.
0
D5
CNT_SATIS
This bit is set to “1” when the PRBS error counter has
saturated (0xFFFF). This bit is cleared when read.
0
TABLE 16: REGISTER MAP DESCRIPTION
ADDRESS
(HEX)
TYPE
BIT LOCATION
SYMBOL
DESCRIPTION
DEFAULT
VALUE(BIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com