Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT75VL00D Datasheet(PDF) 90 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 90 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 84Page - Exar Corporation XRT75VL00D Datasheet HTML 85Page - Exar Corporation XRT75VL00D Datasheet HTML 86Page - Exar Corporation XRT75VL00D Datasheet HTML 87Page - Exar Corporation XRT75VL00D Datasheet HTML 88Page - Exar Corporation XRT75VL00D Datasheet HTML 89Page - Exar Corporation XRT75VL00D Datasheet HTML 90Page - Exar Corporation XRT75VL00D Datasheet HTML 91Page - Exar Corporation XRT75VL00D Datasheet HTML 92Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
XRT75VL00D
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
85
NOTE: The user can only disable the "SONET APS Recovery Time Mode" if the LIU is operating in the Host Mode. If the
user is operating the LIU in the Hardware Mode, then the user will have NO ability to disable the "SONET APS
Recovery Time Mode" feature.
9.8.4
How should one configure the LIU, if one needs to support "Daisy-Chain" Testing at the end
Customer’s site?
Daisy-Chain testing is emerging as a new requirements that many of our customers are imposing on our
SONET Mapper and LIU products. Many System Designer/Manufacturers are finding out that whenever their
end-customers that are evaluating and testing out their systems (in order to determine if they wish to move
forward and start purchasing this equipment in volume) are routinely demanding that they be able to test out
these systems with a single piece of test equipment. This means that the end-customer would like to take a
single piece of DS3 or STS-1 test equipment and (with this test equipment) snake the DS3 or STS-1 traffic
(that this test equipment will generate) through many or (preferably all) channels within the system.
For
example, we have had request from our customers that (on a system that supports OC-192) our silicon be able
to support this DS3 or STS-1 traffic snaking through the 192 DS3 or STS-1 ports within this system.
After extensive testing, we have determined that the best approach to complying with test "Daisy-Chain"
Testing requirements, is to configure the Jitter Attenuator blocks (within each of the Channels within the LIU)
into the "32-Bit" Mode. The user can configure the Jitter Attenuator block (within a given channel of the LIU) to
operate in this mode by settings in the table below.
REFERENCES
1. TEST REPORT - AUTOMATIC PROTECTION SWITCHING (APS) RECOVERY TIME TESTING WITH
THE XRT94L43 DS3/E3/STS-1 TO STS-12 MAPPER IC - Revision C Silicon
R/O
R/O
R/O
R/WR/W
R/WR/W
R/W
00
0
00
011
JITTER ATTENUATOR CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X07
CHANNEL 1 ADDRESS LOCATION = 0X0F
CHANNEL 2 ADDRESS LOCATION = 0X17
BIT 7BIT 6BIT 5BIT 4BIT 3
BIT 2BIT 1
BIT 0
Unused
SONET APS
Recovery
Time Disable
Ch_n
JA RESET
Ch_n
JA1 Ch_n
JA in Tx Path
Ch_n
JA0 Ch_n
R/O
R/O
R/O
R/W
R/W
R/W
R/W
R/W
00
000
11
0
JITTER ATTENUATOR CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X07
CHANNEL 1 ADDRESS LOCATION = 0X0F
CHANNEL 2 ADDRESS LOCATION = 0X17
BIT 7BIT 6BIT 5
BIT 4BIT 3BIT 2BIT 1BIT 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com