Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT75VL00D Datasheet(PDF) 84 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 84 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 80Page - Exar Corporation XRT75VL00D Datasheet HTML 81Page - Exar Corporation XRT75VL00D Datasheet HTML 82Page - Exar Corporation XRT75VL00D Datasheet HTML 83Page - Exar Corporation XRT75VL00D Datasheet HTML 84Page - Exar Corporation XRT75VL00D Datasheet HTML 85Page - Exar Corporation XRT75VL00D Datasheet HTML 86Page - Exar Corporation XRT75VL00D Datasheet HTML 87Page - Exar Corporation XRT75VL00D Datasheet HTML 88Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
XRT75VL00D
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
79
• If the LIU has been configured to operate in the Hardware Mode.
Then the user should tie pin 43 (JATx/JARx*) to "1".
e.
Enable the "SONET APS Recovery Time" Mode
Finally, if the user intends to use the LIU in an Application that is required to reacquire proper SONET and DS3
traffic, prior within 50ms of an APS (Automatic Protection Switching) event (per Telcordia GR-253-CORE), then
the user should set Bit 4 (SONET APS Recovery Time Disable), within the "Jitter Attenuator Control" Register,
to "0" as depicted below.
NOTES:
1.
The ability to disable the "SONET APS Recovery Time" mode is only available if the LIU is operating in the Host
Mode. If the LIU is operating in the "Hardware" Mode, then this "SONET APS Recovery Time Mode" feature will
always be enabled.
2.
The "SONET APS Recovery Time" mode will be discussed in greater detail in “Section 9.8.3, How does the LIU
permit the user to comply with the SONET APS Recovery Time requirements of 50ms (per Telcordia GR-253-
CORE)?” on page 83.
9.8.2
Recommendations on Pre-Processing the Gapped Clocks (from the Mapper/ASIC Device)
prior to routing this DS3 Clock and Data-Signals to the Transmit Inputs of the LIU
In order to minimize the effects of "Clock-Gapping" Jitter within the DS3 signal that is ultimately transmitted to
the DS3 Line (or facility), we recommend that some "pre-processing" of the "Data-Signals" and "Clock-Signals"
(which are output from the Mapper device) be implemented prior to routing these signals to the "Transmit
Inputs" of the LIU.
9.8.2.1
SOME NOTES PRIOR TO STARTING THIS DISCUSSION:
JITTER ATTENUATOR CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X07
CHANNEL 1 ADDRESS LOCATION = 0X0F
CHANNEL 2 ADDRESS LOCATION = 0X17
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2
BIT 1BIT 0
Unused
SONET APS
Recovery
Time
DisableCh_n
JA RESET
Ch_n
JA1 Ch_n
JA in Tx Path
Ch_n
JA0 Ch_n
R/O
R/O
R/O
R/W
R/W
R/W
R/W
R/W
00
000
0
11
JITTER ATTENUATOR CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X07
CHANNEL 1 ADDRESS LOCATION = 0X0F
CHANNEL 2 ADDRESS LOCATION = 0X17
BIT 7BIT 6BIT 5
BIT 4BIT 3BIT 2BIT 1BIT 0
Unused
SONET APS
Recovery
Time
DisableCh_n
JA RESET
Ch_n
JA1 Ch_n
JA in Tx Path
Ch_n
JA0 Ch_n
R/O
R/O
R/O
R/WR/W
R/WR/W
R/W
00
0
00
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com