Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT75VL00D Datasheet(PDF) 66 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 66 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 62Page - Exar Corporation XRT75VL00D Datasheet HTML 63Page - Exar Corporation XRT75VL00D Datasheet HTML 64Page - Exar Corporation XRT75VL00D Datasheet HTML 65Page - Exar Corporation XRT75VL00D Datasheet HTML 66Page - Exar Corporation XRT75VL00D Datasheet HTML 67Page - Exar Corporation XRT75VL00D Datasheet HTML 68Page - Exar Corporation XRT75VL00D Datasheet HTML 69Page - Exar Corporation XRT75VL00D Datasheet HTML 70Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
XRT75VL00D
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
61
consecutive STS-1 frames.
Figure 41 presents an illustration of an STS-1 SPE straddling across two
consecutive STS-1 frames.
A PTE that is receiving and terminating an STS-1 data-stream will perform the following tasks.
• It will acquire and maintain STS-1 frame synchronization with the incoming STS-1 data-stream.
• Once the PTE has acquired STS-1 frame synchronization, then it will locate the J1 byte (e.g., the very byte
within the very next STS-1 SPE) within the Envelope Capacity by reading out the contents of the H1 and H2
bytes.
The H1 and H2 bytes are referred to (in the SONET standards) as the SPE Pointer Bytes. When these two
bytes are concatenated together in order to form a 16-bit word (with the H1 byte functioning as the "Most
Significant Byte") then the contents of the "lower" 10 bit-fields (within this 16-bit word) reflects the location of
the J1 byte within the Envelope Capacity of the incoming STS-1 data-stream.
Figure 42 presents an
illustration of the bit format of the H1 and H2 bytes, and indicates which bit-fields are used to reflect the
location of the J1 byte.
FIGURE 41. AN ILLUSTRATION OF AN STS-1 SPE STRADDLING ACROSS TWO CONSECUTIVE STS-1 FRAMES
TOH
STS-1 FRAME N
STS-1 FRAME N + 1
J1 Byte (1st byte of SPE)
J1 Byte (1st byte of next SPE)
H1, H2
Bytes
SPE can straddle across two STS-1 frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com