Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8777HL/33/C1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8777HL/33/C1
Description  Triple 10-bit video DAC, up to 330 MHz sample frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8777HL/33/C1 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8777HL/33/C1 Datasheet HTML 1Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 2Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 3Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 4Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 5Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 6Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 7Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 8Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TDA8777_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 03 — 15 August 2005
4 of 18
Philips Semiconductors
TDA8777
Triple 10-bit video DAC, up to 330 MHz sample frequency
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration
TDA8777HL
G0
VREF
G1
COMP
G2
OUTR
G3
OUTR
G4
OUTG
G5
OUTG
G6
VDDA3
G7
VDDA2
G8
OUTB
G9
OUTB
BLANK
VSSA2
SYNC
VSSA1
001aad432
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Table 3:
Pin description
Symbol
Pin
Description
G0
1
green digital input data; bit 0 (LSB)
G1
2
green digital input data; bit 1
G2
3
green digital input data; bit 2
G3
4
green digital input data; bit 3
G4
5
green digital input data; bit 4
G5
6
green digital input data; bit 5
G6
7
green digital input data; bit 6
G7
8
green digital input data; bit 7
G8
9
green digital input data; bit 8
G9
10
green digital input data; bit 9 (MSB)
BLANK
11
composite blank control input (active LOW)
SYNC
12
composite sync control input; for green channel only (active LOW)
VDDA1
13
analog supply voltage 1
B0
14
blue digital input data; bit 0 (LSB)
B1
15
blue digital input data; bit 1
B2
16
blue digital input data; bit 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com