Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8777HL/33/C1 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8777HL/33/C1
Description  Triple 10-bit video DAC, up to 330 MHz sample frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8777HL/33/C1 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8777HL/33/C1 Datasheet HTML 7Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 8Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 9Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 10Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 11Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 12Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 13Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 14Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TDA8777_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 03 — 15 August 2005
11 of 18
Philips Semiconductors
TDA8777
Triple 10-bit video DAC, up to 330 MHz sample frequency
Sampling frequency = 240 MHz
Sampling frequency = 330 MHz.
Fig 9.
SFDR as a function of fOUT, typical values.
Fig 10. SFDR as a function of fOUT, typical values
Fig 11. Application diagram
001aad428
fOUT (MHz)
1102
10
−40
−60
−20
0
SFDR
(dB)
−80
001aad429
fOUT (MHz)
1102
10
−40
−60
−20
0
SFDR
(dB)
−80
001aaa890
560
Ω
0.1
µF
TDA8777
36
VREF
35
COMP
34
OUTR
33
OUTR
32
OUTG
31
OUTG
37
38
39
40
41
42
43
44
45
46
47
48
30
VDDA3
29
VDDA2
28
OUTB
27
OUTB
26
VSSA2
25
VSSA1
VDDA
24
23
22
21
20
19
18
17
16
15
14
13
1
G0
2
G1
3
G2
4
G3
5
G4
6
G5
7
G6
8
G7
9
G8
10
G9
11
BLANK
12
SYNC
VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com