Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8777HL/33/C1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8777HL/33/C1
Description  Triple 10-bit video DAC, up to 330 MHz sample frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8777HL/33/C1 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8777HL/33/C1 Datasheet HTML 1Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 2Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 3Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 4Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 5Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 6Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 7Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 8Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TDA8777_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 03 — 15 August 2005
5 of 18
Philips Semiconductors
TDA8777
Triple 10-bit video DAC, up to 330 MHz sample frequency
8.
Functional description
This triple 10-bit video DAC is designed to convert digital input signals into analog output
currents. All inputs (clock, data, blank and sync) must be TLL levels.
8.1 Voltage reference
The voltage reference input to pin VREF should be 1.21 V. For correct operation, a 100 nF
capacitor should be connected between pin VREF and pin VDDA.
B3
17
blue digital input data; bit 3
B4
18
blue digital input data; bit 4
B5
19
blue digital input data; bit 5
B6
20
blue digital input data; bit 6
B7
21
blue digital input data; bit 7
B8
22
blue digital input data; bit 8
B9
23
blue digital input data; bit 9 (MSB)
CLK
24
clock input
VSSA1
25
analog supply ground 1
VSSA2
26
analog supply ground 2
OUTB
27
complementary blue current analog output
OUTB
28
blue current analog output
VDDA2
29
analog supply voltage 2
VDDA3
30
analog supply voltage 3
OUTG
31
complementary green current analog output
OUTG
32
green current analog output
OUTR
33
complementary red current analog output
OUTR
34
red current analog output
COMP
35
compliance voltage output
VREF
36
voltage reference input
RSET
37
full-scale current control resistor pin
PSAVE
38
power-save control input (active LOW)
R0
39
red digital input data; bit 0 (LSB)
R1
40
red digital input data; bit 1
R2
41
red digital input data; bit 2
R3
42
red digital input data; bit 3
R4
43
red digital input data; bit 4
R5
44
red digital input data; bit 5
R6
45
red digital input data; bit 6
R7
46
red digital input data; bit 7
R8
47
red digital input data; bit 8
R9
48
red digital input data; bit 9 (MSB)
Table 3:
Pin description …continued
Symbol
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com