| Electronic Components Datasheet Search |
|
AM79C930 Datasheet(PDF) 23 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C930 Datasheet(HTML) 23 Page - Advanced Micro Devices |
|
23 / 161 page ![]() Am79C930 23 PRELIMINARY ISA PLUG AND PLAY PIN SUMMARY No. of Pins Pin Name Pin Function Pin Style 7 LA23–LA17 ISA upper address bus lines I 17 SA16–SA0 ISA lower address bus lines I 8 SD7–SD0 ISA data bus lines TS2 1 RESET RESET input I 1 MEMR Memory Read—used to enable the output drivers of the Am79C930 device for ISA bus memory read accesses I 1 MEMW Memory Write—used to indicate that the current ISA bus cycle is a memory write access I 1 AEN Address Enable—used to indicate that the current ISA bus I/O address is valid I 1 BALE Bus Address Latch Enable—used to indicate that the ISA address lines are valid I 1 IOCHRDY I/O Channel Ready—used to delay the termination of the current ISA bus cycle TS2 1 IOR I/O Read—this signal is asserted by the ISA host system whenever an I/O read operation occurs I 1 IOW I/O Write—this signal is asserted by the ISA host system whenever an I/O write operation occurs I 6 IRQ4, 5, 9, 10, 11, 12 Interrupt Request—this line is asserted when the Am79C930 device needs servicing from the software PTS3/OD2 1 RFRSH Refresh—indicates that the current ISA bus cycle is a refresh operation I 1 PCMCIA PCMCIA mode—selects PCMCIA or ISA Plug and Play mode I 1 PWRDWN Powerdown—indicates that device is in the power down mode TP1 17 MA16–0 Memory Address Bus—these lines are used to address locations in the Flash device, the SRAM device, and an extra peripheral device that are contained within an Am79C930-based design TP1 8 MD7–0 Memory Data Bus—these lines are used to write and read data to/from Flash, SRAM, and/or an extra peripheral device within an Am79C930-based design TS1 1 FCE Flash Chip Enable—this signal becomes asserted when the Flash device has been addressed by either the 80188 core of the Am79C930 device or by the software through the PCMCIA interface TP1 1 SCE SRAM Chip Enable—this signal becomes asserted when the SRAM device has been addressed by either the 80188 core of the Am79C930 device or by the software through the PCMCIA interface TP1 1 XCE eXtra Chip Enable—this signal becomes asserted when the extra peripheral device has been addressed by the 80188 core of the Am79C930 device (XCE is not accessible through the system interface) TP1 1 MOE Memory Output Enable—this signal becomes asserted during reads of devices located on the memory interface bus TP1 1 MWE Memory Write Enable—this signal becomes asserted during writes to devices located on the memory interface bus TP1 1 TCK Test Clock—this is the clock signal for IEEE 1149.1 testing I 1 TDI Test Data In—this is the data input signal for IEEE 1149.1 testing I 1 TDO Test Data Out—this is the data output signal for IEEE 1149.1 testing TS1 1 TMS Test Mode Select—this is the test mode select for IEEE 1149.1 testing I 1 TRST Test Reset—this is the reset signal for IEEE 1149.1 testing I 1 TEST Test pin—when asserted, this pin places the Am79C930 device into a non-IEEE 1149.1 test mode I 1 CLKIN Clock input to drive BIU, 80188 core, and TAI, supplying network data rate information I 2 PMX1–2 Power Management Xtal—32-kHz Xtal input for sleep timer reference I/XO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |