Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C930 Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 26Page - Advanced Micro Devices AM79C930 Datasheet HTML 27Page - Advanced Micro Devices AM79C930 Datasheet HTML 28Page - Advanced Micro Devices AM79C930 Datasheet HTML 29Page - Advanced Micro Devices AM79C930 Datasheet HTML 30Page - Advanced Micro Devices AM79C930 Datasheet HTML 31Page - Advanced Micro Devices AM79C930 Datasheet HTML 32Page - Advanced Micro Devices AM79C930 Datasheet HTML 33Page - Advanced Micro Devices AM79C930 Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 161 page
background image
AMD
P R E L I M I N A R Y
30
Am79C930
is deasserted when the RESET pin is issued or the CRC
reset bit is set to 1 (SIR0); when the TXS bit is set to 1
(TIR8) or the RXS bit is set to 1 (TIR16); when TXRES
bit set to 1 (TIR8), or the RXRES bit is set to 1 (TIR16), or
the SRES bit is set to 1 (TIR0).
HFCLK
High Frequency Clock
Output
HFCLK provides a reference clock for a transceiver syn-
thesizer. The clock rate is equal to the clock rate of the
CLKIN signal when the CLKGT20 bit of MIR9 is set to 0,
and is equal to one-half the clock rate of the CLKIN sig-
nal when the CLKGT20 bit of MIR9 is set to 1. No phase
relationship to CLKIN is guaranteed. HFCLK will be
LOW whenever the HFPE signal is inactive.
HFPE
High Frequency Power Enable
Output
HFPE is an active low output that is used to power up the
high-frequency VCO section of the transceiver. This pin
is directly controllable through a TAI register and is also
programmable as an I/O with read capability.
LFCLK
Low Frequency Clock
Output
LFCLK provides a reference clock for a transceiver syn-
thesizer. The clock rate is equal to the clock rate of the
CLKIN signal when the CLKGT20 bit of MIR9 is set to 0,
and is equal to one half the clock rate of the CLKIN sig-
nal when the CLKGT20 bit of MIR9 is set to 1. No phase
relationship to CLKIN is guaranteed. LFCLK will be
LOW whenever the LFPE signal is inactive.
LFPE
Low Frequency Power Enable
Output
LFPE is an active low output that is used to power up the
low-frequency synthesizer section of the transceiver.
This pin is directly controllable through a TAI register
and is also programmable as an I/O with read capability.
LLOCKE
Synthesizer Lock
Input
LLOCKE is a general-purpose input that can be used to
convey a transceiver’s synthesizer lock signal to the
80188 embedded controller. The value of the LLOCKE
pin is readable at a register bit in the TIR register space.
RXDATA
Receive Data
Input
RXDATA is an input that accepts the serial bit stream for
reception, including Preamble, SFD, PHY header, MAC
header, Data and FCS field. The RXDATA input stream
is expected to be NRZ data. Clock recovery is per-
formed internal to the Am79C930 device. If an external
PLL is used for clock recovery, then the RXDATA input
will expect valid data at rising edges of the RXCIN input.
External versus internal PLL use is determined through
the setting of the ECLK bit in TCR2.
RXPE
Receiver Power Enable
Output
RXPE is an active low output that is used to power up the
receive section of the transceiver. This pin is directly
controllable through a TAI register and is also program-
mable as an I/O with read capability.
TXCMD
Transmit Command
Output
TXCMD is an active low output that is used to enable the
transceiver’s transmission onto the medium. When
TXCMD is low, the transceiver should enable its trans-
mission function and disable its receive function. When
TXCMD is high, the transceiver should disable its
transmission function and return to receive functionality.
This pin is directly controlled by the transmit state
machine in the TAI and the
TXCMD bit of TIR11. The
timing of the
TXCMD signal is programmable from a TAI
register. The polarity of this pin is programmable from a
TAI register.
TXCMD
Transmit Command
Output
TXCMD is an active high output that is the logical in-
verse of the
TXCMD output. This signal is only available
when the Am79C930 device is configured for the
PCMCIA mode of operation.
TXDATA
Transmit Data
Output
TXDATA is an output that provides the serial bit stream
for transmission, including preamble, SFD, PHY
header, MAC header, data and FCS field, or a subset
thereof. Data delivered from the MAC to the transceiver
is valid at the rising edge of TXC and changes on the fall-
ing edge of TXC. The value of the TXDATA pin is pro-
grammable to 1, 0, or “last bit transmitted” whenever the
transmit circuit is idle and during ramp up and ramp
down of the transceiver’s transmit circuits.
TXDATA
Transmit Data
Output
TXDATA is an output that is the logical inverse of the
TXDATA output. This signal is only available when the
Am79C930 device is configured for the PCMCIA mode
of operation. The value of the
TXDATA pin is 0 when-
ever the transmit circuit is idle and during ramp up and
ramp down of the transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com