| Electronic Components Datasheet Search |
|
AM79C930 Datasheet(PDF) 27 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C930 Datasheet(HTML) 27 Page - Advanced Micro Devices |
|
27 / 161 page ![]() P R E L I M I N A R Y AMD 27 Am79C930 Function Mode REG CE1 IORD IOWR A0 OE WE D7–0 Standby mode X H X X X X X High-Z Common Memory Read Even Byte H L H H L L H Even Byte Common Memory Read Odd Byte H L H H H L H Odd Byte Common Memory Write Even Byte H L H H L H L Even Byte Common Memory Write Odd Byte H L H H H H L Odd Byte Attribute Memory Read Even Byte L L H H L L H Even Byte Attribute Memory Read Odd Byte L L H H H L H Odd Byte Attribute Memory Write Even Byte L L H H L H L Even Byte Attribute Memory Write Odd Byte L L H H H H L Odd Byte I/O Read Even Byte L L L H L H H Even Byte I/O Read Odd Byte L L L H H H H Odd Byte I/O Write Even Byte L L H L L H H Even Byte I/O Write Odd Byte L L H L H H H Odd Byte REG Attribute Memory Select Input REG is an active low-input signal that selects among At- tribute memory and Common memory in the Am79C930 device and the Am79C930-based PCMCIA card. When REG is asserted, then the current access is to Attribute memory or I/O. When REG is not asserted, then the cur- rent access is to Common memory. RESET Reset Input RESET is an active high-input signal that clears the Card Configuration Option Register CCOR) and places the Am79C930 device into an unconfigured (PCMCIA- Memory-Only Interface) state. This pin also causes a RESET to be asserted to each of the Am79C930 core function units (i.e., PCMCIA interface, CPU, and Trans- ceiver Attachment Interface). STSCHG Status Change Output The STSCHG signal is an active low signal. STSCHG as implemented in the Am79C930 device is only used for the PCMCIA WAKEUP indication. The CHANGED bit and the SIGCHG bit of the Card Configuration and Status Register (CCSR) are not supported by the Am79C930 device. The Pin Replacement Register is not supported by the Am79C930 device. WAIT Extend Bus Cycle Output The WAIT signal is an active low signal. WAIT is as- serted by the Am79C930 device to delay completion of the access cycle currently in progress. WE Write Enable Input WE is an active low write-enable input signal. WE is used to strobe memory write data into the Am79C930 device from the PCMCIA data bus. WE should be deas- serted during memory read cycles to the Am79C930. WE is used for Common memory accesses and Attrib- ute memory accesses. ISA (IEEE P996) Bus interface LA23–17, SA16–0 Address Bus Input Signals SA0 through SA16 and LA17 through LA23 are address-bus-input lines which enable direct address of up to 16 Mbytes of memory space in an ISA-based Am79C930 design. Signal SA0 is always used, because the data interface to the Am79C930 is only 8-bits wide. SD7–0 Data Bus Input/Output Signals SD7 through SD0 are the bidirectional data bus for ISA. The most significant bit is SD7. AEN Address Enable Input AEN is driven LOW by the ISA host to indicate when an I/O address is valid. BALE Bus Address Latch Enable Input BALE is driven by the ISA host to indicate when the ad- dress signal lines are valid. IOCHRDY I/O Channel Ready Output The IOCHRDY signal is deasserted by the Am79C930 device at the beginning of a memory access in order to delay completion of the memory access cycle then in progress. The IOCHRDY signal is reasserted by the Am79C930 device when the memory access is completed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |