Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIP-005AFS302 Datasheet(PDF) 33 Page - Samsung semiconductor

Part # SIP-005AFS302
Description  BLOCK DIAGRAM AND MODULE FEATURES
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

SIP-005AFS302 Datasheet(HTML) 33 Page - Samsung semiconductor

Back Button SIP-005AFS302 Datasheet HTML 29Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 30Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 31Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 32Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 33Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 34Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 35Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 36Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 37Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
Samsung Semiconductor, Inc.
ARTIK 530/530s Module Datasheet
33
FUNCTIONAL INTERFACES
This section shows the functional interfaces that are available at the pads of the ARTIK 530/530s Module. The
functions provided are related to the development environment used. Depending on your project you can always
choose to reprogram some of the GPIOs that are currently assigned to the predefined functional interfaces.
ADC
Booting
The above signals can be reassigned by software to alternate functions; see Table 30 for details.
Bluetooth PCM
Table 7. ADC
Function
Ball Loc.
Ball Name
Voltage
I/O
PU/PD
ADC Channel 0
PY1
AP_ADC0
1.8V
I
N
ADC Channel 1
PY2
AP_ADC1
1.8V
I
N
ADC Channel 2
PAA1
AP_ADC2
1.8V
I
N
ADC Channel 3
PAA2
AP_ADC3
1.8V
I
N
ADC Channel 4
PW1
AP_ADC4
1.8V
I
N
ADC Channel 5
PW2
AP_ADC5
1.8V
I
N
Table 8. Booting
Function
Ball Loc.
Ball Name
Voltage
I/O
PU/PD
Booting Configuration 1
PAK32
AP_GPB13_SD0_BOOT
3.3V
I
PU
Booting Configuration 2
PAL32
AP_GPB15_SD1_BOOT
3.3V
I
PD
Booting Configuration 3
PAL31
AP_GPB4_VID1_3_BOOT
3.3V
I
PU
If a preferred boot device fails, the above pins select whether secondary and/or tertiary boot options are
available. For details, see Booting Selection.
Table 9. Bluetooth PCM
Function
Ball Loc.
Ball Name
Voltage
I/O
PU/PD
PCM Clock
PAJ39
BT_PCM_CLK
3.3V
IO
N
PCM LR Clock
PAJ42
BT_PCM_LRCK
3.3V
IO
N
PCM Data In
PAJ40
BT_PCM_D_IN
3.3V
I
N
PCM Data Out
PAJ41
BT_PCM_D_OUT
3.3V
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com