Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIP-005AFS302 Datasheet(PDF) 64 Page - Samsung semiconductor

Part # SIP-005AFS302
Description  BLOCK DIAGRAM AND MODULE FEATURES
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

SIP-005AFS302 Datasheet(HTML) 64 Page - Samsung semiconductor

Back Button SIP-005AFS302 Datasheet HTML 60Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 61Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 62Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 63Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 64Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 65Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 66Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 67Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 68Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
Samsung Semiconductor, Inc.
ARTIK 530/530s Module Datasheet
64
Wi-Fi, 5GHz Transmitter RF Specifications
Table 52. Wi-Fi, 5GHz Transmitter RF Specifications
Parameter
Conditions
Min
Typ
Max
Unit
Frequency Range
–
4900
5845
MHz
Linear output power
Maximum output power in 802.11a mode
54M, UNII-2e
–
13
–
dBm
Maximum output power in 802.11n mode
HT20, MCS7, UNII-2e
–
12
–
dBm
HT40, MCS7, UNII-2e
–
11
–
dBm
Transmit spectrum mask
Margin to 802.11a spectrum mask
Maximum output power
0
–
–
dBr
Margin to 802.11n spectrum mask
0
–
–
dBr
Transmit constellation error in 802.11a mode
54Mbps
As specified in IEEE
802.11n
––
–25
dB
Transmit constellation error in 802.11n (HT-20, HT-40) mode
MCS 7
As specified in IEEE
802.11n
––
–27
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com