Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIP-005AFS302 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # SIP-005AFS302
Description  BLOCK DIAGRAM AND MODULE FEATURES
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

SIP-005AFS302 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button SIP-005AFS302 Datasheet HTML 9Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 10Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 11Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 12Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 13Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 14Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 15Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 16Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
Samsung Semiconductor, Inc.
ARTIK 530/530s Module Datasheet
13
I2C
The ARTIK 530/530s Module provides three generic I2C blocks supporting both 100kb/s and 400kb/s speed modes.
The key features of the I2C sub-system are
•
Support for multi-master and slave mode
•
7-bit addressing mode only
•
Serial, 8-bit oriented and bi-directional data transfer
•
Up to 100 kb/s in the standard mode
•
Up to 400 kb/s in the fast mode
•
Master transmit, master receive, slave transmit, and slave receive operation
•
Support for both interrupt and polling events
ADC
The ADC interface controls one 28nm low-power CMOS 1.8V 12-bit ADC. The key features of the ADC sub-system are
•
Up to six channels of analog input can be selected
•
Conversion of analog input into 12-bit binary code up to 1 Mega Sample Per Second (MSPS)
•
1.0mW power consumption when running 1MSPS
•
Input frequency up to 100kHz
Power Management
The ARTIK 530/530s Module power requirements are managed using a power management integrated circuit
(PMIC). This PMIC device has four fully-integrated fixed-frequency current-mode synchronous PWM step-down
converters that can achieve peak efficiencies of up to 97%.The regulators operate at a fixed high frequency,
minimizing noise in sensitive applications and allowing the use of small form factor components. These four
regulators fully satisfy the power and control requirements of the ARTIK 530/530s Module. Dynamic Voltage Scaling
(DVS) of the various core voltages is supported using I2C control.
Wi-Fi®
The ARTIK 530/530s Module has a fully integrated WLAN block covering IEEE 802.11 a/b/g/n. The most important
hardware features of the module are
•
802.11 a/b/g/n dual-band SISO that is 2.4GHz/5GHz-compliant
•1T1R 2.4GHz/5GHz band
•
Support for 20MHzand 40MHz bandwidth (72.2/150Mbps PHY rate)
•
Enhanced 802.11/Bluetooth coexistence control to improve transmission quality in different profiles
•
Use of an SDIO interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com