Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIP-005AFS302 Datasheet(PDF) 24 Page - Samsung semiconductor

Part # SIP-005AFS302
Description  BLOCK DIAGRAM AND MODULE FEATURES
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

SIP-005AFS302 Datasheet(HTML) 24 Page - Samsung semiconductor

Back Button SIP-005AFS302 Datasheet HTML 20Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 21Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 22Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 23Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 24Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 25Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 26Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 27Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 28Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
Samsung Semiconductor, Inc.
ARTIK 530/530s Module Datasheet
24
Ball Table Column Definitions
The meaning of the various columns used in Table 2 - Table 6 is explained in Table 1.
North Ball Array
Table 1. Ball Table Column Definition
Column Name Column Definition
Ball Loc.
Ball location on the ARTIK 530/530s Module as shown in Figure 3.
Ball Name
The ball name on the ARTIK 530/530s Module.
Voltage
Voltage level on the ball.
Default
Default function of the main SoC at hardware power-on.
Type
S: Signal ball, P: Power ball, G: GND ball.
I/O
I: Input, O: Output, IO: Input/Output to/from module
PU/PD
Indicates the presence of module-internal pull-up or pull-down. PU: Pull-Up, PD: Pull-Down, N: No Pull-Up/Pull-Down.
Group
Nominal function group set according to pad name. For more information see the ARTIK 530/530s Module Hardware
User Guide. Usually the function of the pin can be reprogrammed.
Function
Explanation on the function of the ball.
Table 2. North Ball Array
Ball Loc. Ball Name
Voltage
Type I/O PU/PD
Group
Function
PA1
GMAC_TXEN
3.3V
S
IO
N
GMAC
GMAC Transmit Enable
PA2
GMAC_TXD1
3.3V
S
IO
N
GMAC
GMAC Transmit Data 1
PA3
GMAC_TXD3
3.3V
S
IO
N
GMAC
GMAC Transmit Data 3
PA4
NO BALL
–
–
–
–
NO BALL
–
PA5
GMAC_GTXCLK
3.3V
S
IO
N
GMAC
GMAC Transmit Clock
PA6
GMAC_RXDV
3.3V
S
IO
N
GMAC
GMAC Receive Enable
PA7
GMAC_RXD2
3.3V
S
IO
N
GMAC
GMAC Receive Data 2
PA8
GMAC_RXD0
3.3V
S
IO
N
GMAC
GMAC Receive Data 0
PA9
GND
0.0V
G
–
–
GND
Ground
PA10
AP_MIPICSI_DNCLK
1.8V
S
IO
N
CSI
MIPI CSI Data Negative Clock
PA11
AP_MIPICSI_DN0
1.8V
S
IO
N
CSI
MIPI CSI Data Negative 0
PA12
AP_MIPICSI_DN1
1.8V
S
IO
N
CSI
MIPI CSI Data Negative 1
PA13
AP_MIPICSI_DN2
1.8V
S
IO
N
CSI
MIPI CSI Data Negative 2
PA14
AP_MIPICSI_DN3
1.8V
S
IO
N
CSI
MIPI CSI Data Negative 3
PA15
GND
0.0V
G
–
–
GND
Ground
PA16
AP_MIPIDSI_DNCLK
1.8V
S
IO
N
DSI
MIPI DSI Data Negative Clock
PA17
AP_MIPIDSI_DN0
1.8V
S
IO
N
DSI
MIPI DSI Data Negative 0
PA18
AP_MIPIDSI_DN1
1.8V
S
IO
N
DSI
MIPI DSI Data Negative 1
PA19
AP_MIPIDSI_DN2
1.8V
S
IO
N
DSI
MIPI DSI Data Negative 2
PA20
AP_MIPIDSI_DN3
1.8V
S
IO
N
DSI
MIPI DSI Data Negative 3
PA21
GND
0.0V
G
–
–
GND
Ground
PA22
AP_LVDS_TN0
1.8V
S
O
N
LVDS
LVDS Transmit Channel 0 Negative
PA23
AP_LVDS_TN1
1.8V
S
O
N
LVDS
LVDS Transmit Channel 1 Negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com