Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIP-005AFS302 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # SIP-005AFS302
Description  BLOCK DIAGRAM AND MODULE FEATURES
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

SIP-005AFS302 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button SIP-005AFS302 Datasheet HTML 17Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 18Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 19Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 20Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 21Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 22Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 23Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 24Page - Samsung semiconductor SIP-005AFS302 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
Samsung Semiconductor, Inc.
ARTIK 530/530s Module Datasheet
21
Video Input Processor
The ARTIK 530/530s Module provides one video input processor (VIP). The key features of the VIP sub-system are
•
Support for external 8-bit and 16-bit MIPI
•
Support for internal MIPI-CSI
•Support for images up to 8192×8192
•
Support for clipping and scale-down
•
Support for YUV420 memory format
Scaler
The ARTIK 530/530s Module provides one universal scaler. The key features of the scaler are
•
Support for different input formats:
–
YUV420, YUV422, YUV444
•
Flexible size, from 8×8 up to 1920×1080 with a granularity of 8
•
Upscale ratio from 8×8 to 1920×1080
•
Downscale ratio from 1920×1080 to 8×8
•
Low pass filter available after upscale or before downscale
•
Horizontal 5-tab filter with 64 sets of coefficients
•
Vertical 3-tab filter with 32 sets of coefficients
Multiformat Codec
The ARTIK 530/530s Module provides one integrated Multiformat Codec (MFC) module. The key features of the MFC
sub-system are
•Decoder:
–
H.264 : BP, MP, HP Level 4.2 up to 1920×1080, up to 50MBps
–
MPEG4 : Advanced Simple Profile (ASP) up to 1920×1080, at up to 40Mbps
–
H.263 : Profile 3 up to 1920×1080, up to 20Mbps
–
MPEG 1,2 : Main Profile, High Level up to 1920×1080, up to 80MBps
•Encoder:
–
H.264 : Baseline profile, Level 4.0 up to 1080p, up to 20Mbps
–
MPEG4 : Simple profile, Level 5.6 up to 1080p, up to 20Mbps
–
H.263 : Profile 3, Level 70 up to 1080p, up to 20Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com