Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2517FD Datasheet(PDF) 95 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 95 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 90Page - Microchip Technology MCP2517FD Datasheet HTML 91Page - Microchip Technology MCP2517FD Datasheet HTML 92Page - Microchip Technology MCP2517FD Datasheet HTML 93Page - Microchip Technology MCP2517FD Datasheet HTML 94Page - Microchip Technology MCP2517FD Datasheet HTML 95Page - Microchip Technology MCP2517FD Datasheet HTML 96Page - Microchip Technology MCP2517FD Datasheet HTML 97Page - Microchip Technology MCP2517FD Datasheet HTML 98Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 95 / 98 page
background image
 2017-2018 Microchip Technology Inc.
DS20005688B-page 95
MCP2517FD
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP2517FD: CAN FD Controller
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel (1)
Temperature
Range:
H
=
-40°C to +150°C (High)
Package:
SL
= Plastic SOIC (150 mil Body), 14-Lead
JHA = Plastic VDFN (4.5x3 mm Body), 14-Lead with Dimpled
Wettable Flanks
Examples:
a)
MCP2517FD-H/SL:
High Temperature,
Plastic SOIC (150 mil Body),
14-Lead
b)
MCP2517FDT-H/SL: Tape and Reel,
High Temperature,
Plastic SOIC (150 mil
Body),
14-Lead
c)
MCP2517FD-H/JHA:
High Temperature,
VDFN (4.5x3 mm Body),
14-Lead with Dimpled
Wettable Flanks
d)
MCP2517FDT-H/JHA: Tape and Reel,
High Temperature,
VDFN (4.5x3 mm Body),
14-Lead with Dimpled
Wettable Flanks
PART NO.
–X
/XX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier
is used for ordering purposes and is not printed
on the device package. Check with your
Microchip Sales Office for package availability
with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com