Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP21486KSWZ3ABRL Datasheet(PDF) 23 Page - Analog Devices

Part # ADSP21486KSWZ3ABRL
Description  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP21486KSWZ3ABRL Datasheet(HTML) 23 Page - Analog Devices

Back Button ADSP21486KSWZ3ABRL Datasheet HTML 19Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 20Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 21Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 22Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 23Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 24Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 25Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 26Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. H
|
Page 23 of 71
|
February 2020
Note the definitions of the clock periods that are a function of
CLKIN and the appropriate ratio control shown in Table 17. All
of the timing specifications for the ADSP-2148x peripherals are
defined in relation to tPCLK. See the peripheral specific section
for each peripheral’s timing information.
Figure 3 shows core to CLKIN relationships with external oscil-
lator or crystal. The shaded divider/multiplier blocks denote
where clock ratios can be set through hardware or software
using the power management control register (PMCTL). For
more information, see the hardware reference manual.
Power-Up Sequencing
The timing requirements for processor startup are given in
Table 18. While no specific power-up sequencing is required
between VDD_EXT and VDD_INT, there are some considerations
that system designs should take into account.
• No power supply should be powered up for an extended
period of time (> 200 ms) before another supply starts to
ramp up.
•If the VDD_INT power supply comes up after VDD_EXT, any
pin, such as RESETOUT and RESET, may actually drive
momentarily until the VDD_INT rail has powered up.
Systems sharing these signals on the board must determine
if there are any issues that need to be addressed based on
this behavior.
Note that during power-up, when the VDD_INT power supply
comes up after VDD_EXT, a leakage current of the order of three-
state leakage current pull-up, pull-down may be observed on
any pin, even if that is an input only (for example the RESET
pin) until the VDD_INT rail has powered up.
Table 17. Clock Periods
Timing
Requirements
Description
tCK
CLKIN Clock Period
tCCLK
Processor Core Clock Period
tPCLK
Peripheral Clock Period = 2 × tCCLK
tSDCLK
SDRAM Clock Period = (tCCLK) × SDCKR
Table 18. Power Up Sequencing Timing Requirements (Processor Startup)
Parameter
Min
Max
Unit
Timing Requirements
tRSTVDD
RESET Low Before VDD_EXT or VDD_INT On
0
ms
tIVDDEVDD
VDD_INT On Before VDD_EXT
–200
+200
ms
tCLKVDD
1
CLKIN Valid After VDD_INT and VDD_EXT Valid
0
200
ms
tCLKRST
CLKIN Valid Before RESET Deasserted
102
μs
tPLLRST
PLL Control Setup Before RESET Deasserted
203
μs
Switching Characteristic
tCORERST
4, 5
Core Reset Deasserted After RESET Deasserted
4096 × tCK + 2 × tCCLK
1 Valid VDD_INT and VDD_EXT assumes that the supplies are fully ramped to their nominal values (it does not matter which supply comes up first). Voltage ramp rates can vary
from microseconds to hundreds of milliseconds depending on the design of the power supply subsystem.
2 Assumes a stable CLKIN signal, after meeting worst-case startup timing of crystal oscillators. Refer to your crystal oscillator manufacturer's data sheet for startup time. Assume
a 25 ms maximum oscillator startup time if using the XTAL pin and internal oscillator circuit in conjunction with an external crystal.
3 Based on CLKIN cycles.
4 Applies after the power-up sequence is complete. Subsequent resets require a minimum of four CLKIN cycles for RESET to be held low in order to properly initialize and
propagate default states at all I/O pins.
5 The 4096 cycle count depends on tSRST specification in Table 20. If setup time is not met, one additional CLKIN cycle may be added to the core reset time, resulting in 4097
cycles maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com