Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP21486KSWZ3ABRL Datasheet(PDF) 41 Page - Analog Devices

Part # ADSP21486KSWZ3ABRL
Description  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP21486KSWZ3ABRL Datasheet(HTML) 41 Page - Analog Devices

Back Button ADSP21486KSWZ3ABRL Datasheet HTML 37Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 38Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 39Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 40Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 41Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 42Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 43Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 44Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. H
|
Page 41 of 71
|
February 2020
Input Data Port (IDP)
The timing requirements for the IDP are given in Table 38. IDP
signals are routed to the DAI_P20–1 pins using the SRU. There-
fore, the timing specifications provided below are valid at the
DAI_P20–1 pins.
Table 38. Input Data Port (IDP)
Parameter
Min
Max
Unit
Timing Requirements
tSISFS
1
Frame Sync Setup Before Serial Clock Rising Edge
3.8
ns
tSIHFS
1
Frame Sync Hold After Serial Clock Rising Edge
2.5
ns
tSISD
1
Data Setup Before Serial Clock Rising Edge
2.5
ns
tSIHD
1
Data Hold After Serial Clock Rising Edge
2.5
ns
tIDPCLKW
Clock Width
(tPCLK × 4) ÷ 2 – 1
ns
tIDPCLK
Clock Period
tPCLK × 4
ns
1 The serial clock, data, and frame sync signals can come from any of the DAI pins. The serial clock and frame sync signals can also come via PCG or SPORTs. PCG's input can
be either CLKIN or any of the DAI pins.
Figure 24. IDP Master Timing
DAI_P20–1
(SCLK)
SAMPLE EDGE
DAI_P20–1
(FS)
DAI_P20–1
(SDATA)
tIDPCLK
tIDPCLKW
tSISFS
tSIHFS
tSIHD
tSISD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com