Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP21486KSWZ3ABRL Datasheet(PDF) 69 Page - Analog Devices

Part # ADSP21486KSWZ3ABRL
Description  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP21486KSWZ3ABRL Datasheet(HTML) 69 Page - Analog Devices

Back Button ADSP21486KSWZ3ABRL Datasheet HTML 63Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 64Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 65Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 66Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 67Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 68Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 69Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 70Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 71Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 69 / 71 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. H
|
Page 69 of 71
|
February 2020
AUTOMOTIVE PRODUCTS
The following models are available with controlled manufactur-
ing to support the quality and reliability requirements of
automotive applications. Note that these automotive models
may have specifications that differ from the commercial models;
therefore designers should review the Specifications section of
this data sheet carefully. Only the automotive grade products
shown in Table 64 are available for use in automotive applica-
tions. Contact your local Analog Devices account representative
for specific product ordering information and to obtain the spe-
cific Automotive Reliability reports for these models.
Table 64. Automotive Products
Model1, 2, 3, 4
Notes Temperature Range5
RAM
Processor
Instruction
Rate (Max)
Package Description
Package Option
AD21486WBSWZ4Axx
6
–40°C to +125°C
5 Mbit
400 MHz
100-Lead LQFP_EP
SW-100-2
AD21487WBSWZ4Axx
6
–40°C to +125°C
5 Mbit
400 MHz
100-Lead LQFP_EP
SW-100-2
AD21487WBSWZ4Bxx
6
–40°C to +125°C
5 Mbit
400 MHz
176-Lead LQFP_EP
SW-176-2
AD21488WBCPZ2202
–40°C to +125°C
2 Mbit
300 MHz
88-Lead LFCSP_VQ
CP-88-5
AD21488WBCPZ4202
–40°C to +125°C
2 Mbit
400 MHz
88-Lead LFCSP_VQ
CP-88-5
AD21488WBCPZ202
–40°C to +125°C
3 Mbit
300 MHz
88-Lead LFCSP_VQ
CP-88-5
AD21488WBCPZ302
–40°C to +125°C
3 Mbit
350 MHz
88-Lead LFCSP_VQ
CP-88-5
AD21488WBCPZ402
–40°C to +125°C
3 Mbit
400 MHz
88-Lead LFCSP_VQ
CP-88-5
AD21488WBSWZ1Axx
–40°C to +125°C
3 Mbit
266 MHz
100-Lead LQFP_EP
SW-100-2
AD21488WBSWZ2Axx
–40°C to +125°C
3 Mbit
300 MHz
100-Lead LQFP_EP
SW-100-2
AD21488WBSWZ1Bxx
–40°C to +125°C
2 Mbit
266 MHz
176-Lead LQFP_EP
SW-176-2
AD21488WBSWZ2Bxx
–40°C to +125°C
3 Mbit
266 MHz
176-Lead LQFP_EP
SW-176-2
AD21488WBSWZ4Bxx
–40°C to +125°C
3 Mbit
400 MHz
176-Lead LQFP_EP
SW-176-2
AD21489WBCPZ202
–40°C to +125°C
5 Mbit
300 MHz
88-Lead LFCSP_VQ
CP-88-5
AD21489WBCPZ302
–40°C to +125°C
5 Mbit
350 MHz
88-Lead LFCSP_VQ
CP-88-5
AD21489WBCPZ402
–40°C to +125°C
5 Mbit
400 MHz
88-Lead LFCSP_VQ
CP-88-5
AD21489WBSWZ4xx
–40°C to +125°C
5 Mbit
400 MHz
100-Lead LQFP_EP
SW-100-2
AD21489WBSWZ4xxRL
–40°C to +125°C
5 Mbit
400 MHz
100-Lead LQFP_EP
SW-100-2
AD21489WBSWZ4Bxx
–40°C to +125°C
5 Mbit
400 MHz
176-Lead LQFP_EP
SW-176-2
1 Z =RoHS Compliant Part.
2 W = automotive applications.
3 xx denotes the current die revision.
4 RL = Tape and Reel.
5 Referenced temperature is junction temperature. See Operating Conditions on Page 18 for junction temperature (TJ) specification.
6 This product contains IP from Dolby, DTS and DTLA. Proper software licenses required. Contact Analog Devices, Inc. for information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com