Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP21486KSWZ3ABRL Datasheet(PDF) 43 Page - Analog Devices

Part # ADSP21486KSWZ3ABRL
Description  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP21486KSWZ3ABRL Datasheet(HTML) 43 Page - Analog Devices

Back Button ADSP21486KSWZ3ABRL Datasheet HTML 39Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 40Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 41Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 42Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 43Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 44Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 45Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 46Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. H
|
Page 43 of 71
|
February 2020
Sample Rate Converter—Serial Input Port
The ASRC input signals are routed from the DAI_P20–1 pins
using the SRU. Therefore, the timing specifications provided in
Table 40 are valid at the DAI_P20–1 pins.
Table 40. ASRC, Serial Input Port
Parameter
Min
Max
Unit
Timing Requirements
tSRCSFS
1
Frame Sync Setup Before Serial Clock Rising Edge
4
ns
tSRCHFS
1
Frame Sync Hold After Serial Clock Rising Edge
5.5
ns
tSRCSD
1
Data Setup Before Serial Clock Rising Edge
4
ns
tSRCHD
1
Data Hold After Serial Clock Rising Edge
5.5
ns
tSRCCLKW
Clock Width
(tPCLK × 4) ÷ 2 – 1
ns
tSRCCLK
Clock Period
tPCLK × 4
ns
1 The serial clock, data, and frame sync signals can come from any of the DAI pins. The serial clock and frame sync signals can also come via PCG or SPORTs. PCG’s input
can be either CLKIN or any of the DAI pins.
Figure 26. ASRC Serial Input Port Timing
DAI_P20–1
(SCLK)
SAMPLE EDGE
DAI_P20–1
(FS)
DAI_P20–1
(SDATA)
tSRCCLK
tSRCCLKW
tSRCSFS
tSRCHFS
tSRCHD
tSRCSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com