Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP21486KSWZ3ABRL Datasheet(PDF) 19 Page - Analog Devices

Part # ADSP21486KSWZ3ABRL
Description  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP21486KSWZ3ABRL Datasheet(HTML) 19 Page - Analog Devices

Back Button ADSP21486KSWZ3ABRL Datasheet HTML 15Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 16Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 17Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 18Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 19Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 20Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 21Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 22Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. H
|
Page 19 of 71
|
February 2020
ELECTRICAL CHARACTERISTICS
266 MHz / 300 MHz / 350 MHz / 400 MHz / 450 MHz
Parameter1
Description
Conditions
Min
Typ
Max
Unit
VOH
2
High Level Output
Voltage
@ VDD_EXT = Min,
IOH = –1.0 mA
3
2.4
V
VOL
2
Low Level Output
Voltage
@ VDD_EXT = Min,
IOL = 1.0 mA
3
0.4
V
IIH
4, 5
High Level Input Current @ VDD_EXT = Max,
VIN = VDD_EXT Max
10
μA
IIL
4
Low Level Input Current @ VDD_EXT = Max, VIN = 0 V
10
μA
IILPU
5
Low Level Input Current
Pull-up
@ VDD_EXT = Max, VIN = 0 V
200
μA
IOZH
6, 7
Three-State Leakage
Current
@ VDD_EXT = Max,
VIN = VDD_EXT Max
10
μA
IOZL
6
Three-State Leakage
Current
@ VDD_EXT = Max, VIN = 0 V
10
μA
IOZLPU
7
Three-State Leakage
Current Pull-up
@ VDD_EXT = Max, VIN = 0 V
200
μA
IOZHPD
8
Three-State Leakage
Current Pull-down
@ VDD_EXT = Max,
VIN = VDD_EXT Max
200
μA
IDD_INT
9
Supply Current (Internal) fCCLK > 0 MHz
Table 14 + Table 15
× ASF
mA
IDD_INT
Supply Current (Internal) VDDINT = 1.1 V, ASF = 1,
TJ = 25°C
385 / 410 / 450 / 500 / 550
mA
CIN
10, 11
Input Capacitance
TJ = 25°C
5
pF
1 Specifications subject to change without notice.
2 Applies to output and bidirectional pins: ADDR23–0, DATA15–0, AMI_RD, AMI_WR, FLAG3–0, DAI_Px, DPI_Px, EMU, TDO, RESETOUT MLBSIG, MLBDAT, MLBDO,
MLBSO, SDRAS, SDCAS, SDWE, SDCKE, SDA10, SDDQM, MS0-1.
3 See Output Drive Currents on Page 55 for typical drive current capabilities.
4 Applies to input pins: BOOT_CFGx, CLK_CFGx, TCK, RESET, CLKIN.
5 Applies to input pins with internal pull-ups: TRST, TMS, TDI.
6 Applies to three-statable pin: TDO.
7 Applies to three-statable pins with pull-ups: DAI_Px, DPI_Px, EMU.
8 Applies to three-statable pin with pull-down: SDCLK.
9 See Engineer-to-Engineer Note Estimating Power for ADSP-214xx SHARC Processors (EE-348) for further information.
10Applies to all signal pins.
11Guaranteed, but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com