Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-SC571KSWZ-4 Datasheet(PDF) 23 Page - Analog Devices

Part # ADSP-SC571KSWZ-4
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC571KSWZ-4 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADSP-SC571KSWZ-4 Datasheet HTML 19Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 20Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 21Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 22Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 23Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 24Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 25Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 26Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 142 page
background image
Rev. B
|
Page 23 of 142
|
June 2018
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
Board Support Packages (BSPs) for Evaluation Hardware
Software support for the EZ-KIT Lite evaluation boards and EZ-
Extender daughter cards is provided by software add ins called
board support packages (BSPs). The BSPs contain the required
drivers, pertinent release notes, and select example code for the
given evaluation hardware. A download link for a specific BSP is
located on the web page for the associated EZ-KIT or EZ-
Extender product.
Middleware Packages
Analog Devices offers middleware add ins such as real-time
operating systems, file systems, USB stacks, and TCP/IP stacks.
For more information, see the following web pages:
• www.analog.com/ucos2
• www.analog.com/ucos3
• www.analog.com/ucfs
• www.analog.com/ucusbd
• www.analog.com/ucusbh
• www.analog.com/lwip
Algorithmic Modules
To speed development, Analog Devices offers add ins that per-
form popular audio and video processing algorithms. These are
available for use with CrossCore Embedded Studio. For more
information visit www.analog.com.
Designing an Emulator-Compatible DSP Board (Target)
For embedded system test and debug, Analog Devices provides
a family of emulators. On each JTAG DSP, Analog Devices sup-
plies an IEEE 1149.1 JTAG test access port (TAP). In circuit
emulation is facilitated by use of this JTAG interface. The
emulator accesses the internal features of the processor via the
TAP, allowing the developer to load code, set breakpoints, and
view variables, memory, and registers.
The processor must be halted to send data and commands, but
once an operation is completed by the emulator, the DSP system
is set to run at full speed with no impact on system timing. The
emulators require the target board to include a header that sup-
ports connection of the JTAG port of the DSP to the emulator.
For details on target board design issues including mechanical
layout, single processor connections, signal buffering, signal ter-
mination, and emulator pod logic, see “Analog Devices JTAG
Emulation Technical Reference” (EE-68).
ADDITIONAL INFORMATION
This data sheet provides a general overview of the ADSP-
SC57x/ADSP-2157x architecture and functionality. For detailed
information on the core architecture and instruction set, refer to
the SHARC+ Core Programming Reference.
RELATED SIGNAL CHAINS
A signal chain is a series of signal-conditioning electronic com-
ponents that receive input (data acquired from sampling either
real-time phenomena or from stored data) in tandem, with the
output of one portion of the chain supplying input to the next.
Signal chains are often used in signal processing applications to
gather and process data or to apply system controls based on
analysis of real-time phenomena.
Analog Devices eases signal processing system development by
providing signal processing components that are designed to
work together well. A tool for viewing relationships between
specific applications and related components is available on the
www.analog.com website.
The application signal chains page in the Circuits from the Lab
®
site (www.analog.com\circuits) provides the following:
• Graphical circuit block diagram presentation of signal
chains for a variety of circuit types and applications
• Drill down links for components in each chain to selection
guides and application information
• Reference designs applying best practice design techniques



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com