Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACM1602KC-NLW-BBW-R Datasheet(PDF) 14 Page - AZ Displays

Part # ACM1602KC-NLW-BBW-R
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM1602KC-NLW-BBW-R Datasheet(HTML) 14 Page - AZ Displays

Back Button ACM1602KC-NLW-BBW-R Datasheet HTML 7Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 8Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 9Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 10Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 11Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 12Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 13Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 14Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 15Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ACM1602KC-NLW-BBW-R(AZ DISPLAYS) CHARACTER MODULE VER1.0
AZ DISPLAYS
13
13.0 PRECAUTION FOR USING LCM
1.
When design the product with this LCD Module, make sure the viewing angle matches to its purpose of usage.
2.
As LCD panel is made of glass substrate, Dropping the LCD module or banging it against hard objects may
cause cracking or fragmentation. Especially at corners and edges.
3.
Although the polarizer of this LCD Module has the anti-glare coating, always be careful not to scratch its
surface. Use of a plastic cover is recommended to protect the surface of polarizer.
4.
If the LCD module is stored at below specified temperature, the LC material may freeze and be deteriorated. If
it is stored at above specified temperature, the molecular orientation of the LC material may change to Liquid
state and it may not revert to its original state. Excessive temperature and humidity could cause polarizer peel
off or bubble. Therefore, the LCD module should always be stored within specified temperature range.
5.
Saliva or water droplets must be wiped off immediately as those may leave stains or cause color changes if
remained for a long time. Water vapor will cause corrosion of ITO electrodes.
6.
If the surface of LCD panel needs to be cleaned, wipe it swiftly with cotton or other soft cloth. If it is not still
clean enough, blow a breath on the surface and wipe again.
7.
The module should be driven according to the specified ratings to avoid malfunction and permanent damage.
Applying DC voltage cause a rapid deterioration of LC material. Make sure to apply alternating waveform by
continuous application of the M signal. Especially the power ON/OFF sequence should be kept to avoid latch-
up of driver LSIs and DC charge up to LCD panel.
8.
Mechanical Considerations
a)
LCM are assembled and adjusted with a high degree of precision. Avoid excessive shocks and do not
make any alterations or modifications. The following should be noted.
b)
Do not tamper in any way with the tabs on the metal frame.
c)
Do not modify the PCB by drilling extra holes, changing its outline, moving its components or modifying its
pattern.
d)
Do not touch the elastomer connector; especially insert a backlight panel (for example, EL).
e)
When mounting a LCM makes sure that the PCB is not under any stress such as bending or twisting.
Elastomer contacts are very delicate and missing pixels could result from slight dislocation of any of the
elements.
f)
Avoid pressing on the metal bezel, otherwise the elastomer connector could be deformed and lose
contact, resulting in missing pixels.
9.
Static Electricity
a)
Operator
Ware the electrostatics shielded clothes because human body may be statically charged if not ware shielded clothes.
Never touch any of the conductive parts such as the LSI pads; the copper leads on the PCB and the interface terminals
with any parts of the human body.
b)
Equipment
There is a possibility that the static electricity is charged to the equipment, which has a function of peeling or friction
action (ex: conveyer, soldering iron, working table). Earth the equipment through proper resistance (electrostatic
earth: 1x10
8 ohm).
Only properly grounded soldering irons should be used.
If an electric screwdriver is used, it should be well grounded and shielded from commutator sparks.
The normal static prevention measures should be observed for work clothes and working benches; for the latter
conductive (rubber) mat is recommended.
c)
Floor
Floor is the important part to drain static electricity, which is generated by operators or equipment.
There is a possibility that charged static electricity is not properly drained in case of insulating floor. Set the
electrostatic earth (electrostatic earth: 1x10
8 ohm).
d)
Humidity
Proper humidity helps in reducing the chance of generating electrostatic charges. Humidity should be kept over
50%RH.
e)
Transportation/storage
The storage materials also need to be anti-static treated because there is a possibility that the human body or storage
materials such as containers may be statically charged by friction or peeling.
The modules should be kept in antistatic bags or other containers resistant to static for storage.
f)
Soldering
Solder only to the I/O terminals. Use only soldering irons with proper grounding and no leakage.
Soldering temperature : 280°C ± 10°C
Soldering time: 3 to 4 sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com