Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACM1602KC-NLW-BBW-R Datasheet(PDF) 11 Page - AZ Displays

Part # ACM1602KC-NLW-BBW-R
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM1602KC-NLW-BBW-R Datasheet(HTML) 11 Page - AZ Displays

Back Button ACM1602KC-NLW-BBW-R Datasheet HTML 7Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 8Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 9Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 10Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 11Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 12Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 13Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 14Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 15Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ACM1602KC-NLW-BBW-R(AZ DISPLAYS) CHARACTER MODULE VER1.0
AZ DISPLAYS
10
10.0 RELIABILITY TEST
NO
T
est Item
D
escription
T
est Condition
R
emark
1
Environmental
Test
High temperature
storage
Applying the high storage
temperature Under normal humidity for a
long time Check normal performance
80 ºC
96hrs
2
Low temperature
storage
Applying the low storage temperature
Under normal humidity for a long time
Check normal performance
-30ºC
96hrs
3
High temperature
Operation
Apply the electric stress(Voltage and
current) Under high temperature for a
long time
70 ºC
96hrs
Note1
4
Low temperature
Operation
Apply the electric stress Under low
temperature for a long time
-20ºC
96hrs
Note1
Note2
5
High
temperature/High
Humidity Storage
Apply high temperature and high
humidity storage for a long time
90% RH
40ºC
96hrs
Note2
6
Temperature Cycle
Apply the low and high temperature cycle
-30ºC<>25ºC<>80ºC <>25ºC
30min
10min
30min
10min
1 cycle
Check normal performance
-30ºC/80ºC
10 cycle
7
Mechanical
Test
Vibration
test(Package state)
Applying vibration to product check
normal performance
Freq:10~55~10Hz
Amplitude:0.75mm
1cycle time:1min
X.Y.Z every
direction for 15
cycles
8
Shock test(package
state)
Applying shock to product check normal
performance
Drop them through
70cm height to
strike horizontal
plane
9
Other
Remark
Note1:Normal operations condition (25ºC±5ºC).
Note2:Pay attention to keep dewdrops from the module during this test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com