Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACM1602KC-NLW-BBW-R Datasheet(PDF) 5 Page - AZ Displays

Part # ACM1602KC-NLW-BBW-R
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM1602KC-NLW-BBW-R Datasheet(HTML) 5 Page - AZ Displays

  ACM1602KC-NLW-BBW-R Datasheet HTML 1Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 2Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 3Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 4Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 5Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 6Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 7Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 8Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ACM1602KC-NLW-BBW-R(AZ DISPLAYS) CHARACTER MODULE VER1.0
AZ DISPLAYS
4
3.2 The Characteristics Of LED Backlight
3.2.1 Electrical-Optical Characteristics Of LED Backlight
(Ta=25ºC)
Item
Symbol
Condition
Min
Typ
Max
Unit
Forward Voltage
(1)
Vf
If=15mA
2.9
3.1
3.3
V
Reverse
Voltage
Vr
-
--
--
5
V
Luminance
(2)
Lv
If=15mA
240
300
--
cd/㎡
Uniformity
(3)
Δ
(Lvmin/Lvmax)%
70%
--
--
-
Peak wave length
λp
-
--
--
--
nm
Chroma coordinate
x
If=15mA
0.26
--
0.30
um
y
If=15mA
0.27
--
0.31
um
Lifetime
(4)
-
If=15mA
-
20000
-
Hours
NOTE:
(1) Forward voltage means voltage applied directly to the LED
(2)The luminance is the average value of 5 points,The measurement instrument is BM-7 luminance
colorimeter.The diameter of aperture is Φ5mm
(3) Luminance means the backlight brightness without LCD.
(4) Backlight lifetime means luminance value larger than half of the original after 20000 hours’ continuous
working.
3.2.2 Backlight Control Circuit FOR LCM(1x1=1 pcs LED)
150Ω
K
A
16
15
BL
Vf
3.2.3 LED Characteristics Curves(for single led)
1.Forward current VS.Ambient Temperature
25
20
15
10
-30
5
0
100
Ambient Temperature
25
050
80
45
30
3
2
15
20
0
5
10
Forward Voltage
25
2.Forward current VS Forward Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com