Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACM1602KC-NLW-BBW-R Datasheet(PDF) 6 Page - AZ Displays

Part # ACM1602KC-NLW-BBW-R
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM1602KC-NLW-BBW-R Datasheet(HTML) 6 Page - AZ Displays

Back Button ACM1602KC-NLW-BBW-R Datasheet HTML 2Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 3Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 4Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 5Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 6Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 7Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 8Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 9Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ACM1602KC-NLW-BBW-R(AZ DISPLAYS) CHARACTER MODULE VER1.0
AZ DISPLAYS
5
4.0 OPTICAL CHARACTERISTICS (Ta=25ºC, Vdd= 5.0V±0.25V)
Item
Symbol
Condition
Min
Typ
Max
Unit
Viewing angle (Left - right)
θ2
Cr
≥ 2.0
-35
-
35
deg
Viewing angle (Up-down)
θ1
Cr
≥ 2.0
-25
-
40
deg
Contrast Ratio
Cr
θ1=0°, θ2=0°
-
5
-
Response time (rise)
Tr
θ1=0°, θ2=0°
-
180
300
ms
Response time (fall)
Tf
θ1=0°, θ2=0°
-
150
250
ms
(1). Definition of Optical Response Time
(2). Definition of Contrast Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com