Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACM1602KC-NLW-BBW-R Datasheet(PDF) 4 Page - AZ Displays

Part # ACM1602KC-NLW-BBW-R
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM1602KC-NLW-BBW-R Datasheet(HTML) 4 Page - AZ Displays

  ACM1602KC-NLW-BBW-R Datasheet HTML 1Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 2Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 3Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 4Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 5Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 6Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 7Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 8Page - AZ Displays ACM1602KC-NLW-BBW-R Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ACM1602KC-NLW-BBW-R(AZ DISPLAYS) CHARACTER MODULE VER1.0
AZ DISPLAYS
3
1.0 GENERAL SPECS
1.
Display Format
16*2 Character
2.
Power Supply
5.0V
3.
Module outline dimension
80.0mm(W) x 36.0mm(H) x max 12.5mm(D)
1.
Viewing Area(W*H)
64.5mm(W) x 16.4mm(H)
2.
Dot Size (W*H)
0.56mm(W) x 0.61mm(H)
3.
Dot Pitch (W*H)
0.61mm(W) x 0.66mm(H)
4.
Character Size (W*H)
3.00mm(W) x 5.23mm(H)
5.
Character Pitch (W*H)
3.51mm(W) x 5.75mm(H)
6.
Viewing Direction
6:00 O’Clock
7.
Driving Method
1/16Duty,1/5Bias
8.
Control IC
ST7066U-0A or Compatible
9.
Display Mode
STN(BLUE)/Negative/ Transmissive
10. Backlight
WHITE LED-SIDE
11. Operating temperature
-20ºC ~ 70ºC
12. Storage temperature
-30ºC ~ 80ºC
13. ROHS
ROHS compliant
2.0 ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Min
Typ
Max
Unit
Operating temperature
Top
-20
--
70
ºC
Storage temperature
Tst
-30
--
80
ºC
Input voltage
Vin
Vss-0.3
--
Vdd+0.3
V
Supply voltage for logic
Vdd- Vss
2.7
--
5.5
V
Supply voltage for LCD drive
Vdd- Vo
3.0
--
8.0
V
3.0 ELECTRICAL CHARACTERISTICS
3.1 Electrical Characteristics Of LCM
Item
Symbol
Condition
Min
Typ
Max
Unit
Power Supply Voltage
Vdd
25ºC
--
5.0
--
V
Power Supply Current
Idd
Vdd=5.0V, fosc=270kHz
--
1.5
2.0
mA
Input voltage (high)
Vih
Pins:(E,RS,R/W,DB0-DB7)
VDD=5V
2.5
--
Vdd
V
Input voltage (low)
Vil
-0.3
--
0.6
V
Recommended
LC
Driving Voltage
Vdd -Vo
-20ºC
--
--
5.0
V
25ºC
4.3
4.5
4.7
70ºC
3.9
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com