Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 32Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 33Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 34Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 35Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 36Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 37Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 38Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 39Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 36 of 246
Jun 20, 2019
Figure 1.6
Pin Assignment (145-Pin TFLGA)
AB
C
D
E
F
G
H
J
K
L
M
N
13
PE3
PE4
VSS
PE6
P67
PA2
PA4
PA7
PB1
PB5
VSS
VCC
P74
13
12
PE1
PE2
P70
PE5
P65
PA1
VCC
PB0
PB2
PB6
P73
PC1
P75
12
11
P62
P61
PE0
VCC
P66
VSS
PA6
P71
PB4
PB7
PC2
PC0
PC3
11
10
VSS
VCC
P63
PE7
PA0
PA3
PA5
P72
PB3
P76
PC4
P77
P82
10
9
PD6
PD4
PD7
P64
RX65N Group, RX651
Group
PTLG0145KA-A
(145-Pin TFLGA)
(Upper Perspective View)
P80
PC5
P81
PC7
9
8
PD2
PD0
PD3
P60
VCC
P83
PC6
VSS
8
7
P92
P91
PD1
PD5
P51
P52
P50
P55
7
6
P90
P47
VSS
P93
P53
P56
VSS_
USB
USB0_
DP
6
5
P45
P43
P46
VCC
P44
P54
P13
VCC_
USB
USB0_
DM
5
4
P42
VREFL0
P41
P01
EMLE
VBATT
BSCANP
P35
P30
P15
P24
P12
P14
4
3
P40
P05
VREFH0
P03
PJ5
PJ3
MD/
FINED
VSS
P32
P31
P16
P86
P87
3
2
P07
AVCC0
P02
PF5
VCL
XCOUT
RES#
VCC
P33
P26
P23
P17
P20
2
1
AVSS0
AVCC1
AVSS1
P00
VSS
XCIN
XTAL
EXTAL
P34
P27
P25
P22
P21
1
AB
C
D
E
F
G
H
J
K
L
M
N
Note:
This figure indicates the power supply pins and I/O port pins. For the pin configuration,
see Table 1.7, List of Pin and Pin Functions (145-Pin TFLGA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com