Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 5Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 6Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 7Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 8Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 9Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 10Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 11Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 12Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 9 of 246
Jun 20, 2019
SD host interface (SDHI)*3
 1 channel
 Transfer speed: Supports high-speed mode (25 MB/s) and default speed mode (12.5 MB/s)
 One interface for SD memory and I/O cards (supporting 1- and 4-bit SD buses)
 SD specifications
Part 1: Physical Layer Specification Ver. 3.01 compliant (DDR not supported)
Part E1: SDIO Specification Ver. 3.00
 Error checking: CRC7 for commands and CRC16 for data
 Interrupt requests: Card access interrupt, SDIO access interrupt, card detection
interrupt, SD buffer access interrupt
 DMA transfer requests: SD_BUF write and SD_BUF read
 Support for card detection and write protection
SD slave interface (SDSI)*3
 1 channel
 Compliant with the SDIO Card Specification Ver.2.00 (CSA is not supported)
 1-bit SD/4-bit SD/SPI mode
 SDIO Proprietary command is supported
 SD/SPI Mandatory command is supported
 Interrupt requests: 6
MMC host interface (MMCIF)
 1 channel
 Transfer speed: Data transfer mode (30 MB/s), backward compatible mode (25 MB/s)
 Compliant with JEDEC STANDARD JESD84-A441 (DDR is not supported)
 Interface for Multimedia Cards (MMCs)
 Device buses: Support for 1-, 4-, and 8-bit MMC buses
 Interrupt requests: Card detection interrupt, error/timeout interrupt, normal operation
interrupt, MMCIF buffer access interrupt
 DMA transfer requests: CE_DATA write and CE_DATA read
 Support for card detection, boot operation, high priority interrupt (HPI)
Parallel data capture unit (PDC)
 1 channel
 Acquisition of synchronization through external 8-bit horizontal and vertical
synchronization signals
 Setting of the image size when clipping of the output for a one-frame image is required
Graphic-LCD controller (GLCDC)
 1 channel
 Various data formats and LCD panels are supported
 Superposition of 3 planes (single-color background, graphic 1, graphic 2)
 32- and 16-bpp graphics data and 8-, 4-, and 1-bit CLUT data formats are supported
2D drawing engine (DRW2D)
 1 channel
 Vector drawing (straight lines, triangles, and circles)
 Bit blitting (with support for filling, copying, stretching, and rotation)
 Bus master function for input and output of frame buffer data
32-, 16-, and 8-bit pixel graphics data are supported
 Bus master function for input of texture data
Input of texture data (32, 24, 16, 8, 4, 2, or 1 bit) are supported.
Run length encoding is supported
A CLUT is installed and index data can be converted into color data
 Two rendering modes are supported (register mode and display list mode)
 Performance counting
 Interrupts in response to completion of rendering and processing of the display list
Table 1.1
Outline of Specifications (8/10)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com