Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 90Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 91Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 92Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 93Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 94Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 95Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 96Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 97Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 246 page
background image
R01DS0276EJ0230 Rev.2.30
Page 94 of 246
Jun 20, 2019
RX65N Group, RX651 Group
4. I/O Registers
4.1
I/O Register Addresses (Address Order)
Table 4.1
List of I/O Registers (Address Order) (1 / 60)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK ≥ PCLK
ICLK < PCLK
0008 0000h
SYSTE
M
Mode Monitor Register
MDMONR
16
16
3 ICLK
Operating
Modes
0008 0006h
SYSTE
M
System Control Register 0
SYSCR0
16
16
3 ICLK
Operating
Modes
0008 0008h
SYSTE
M
System Control Register 1
SYSCR1
16
16
3 ICLK
Operating
Modes
0008 000Ch
SYSTE
M
Standby Control Register
SBYCR
16
16
3 ICLK
Low
Power
Consumpt
ion
0008 0010h
SYSTE
M
Module Stop Control Register A
MSTPCRA
32
32
3 ICLK
Low
Power
Consumpt
ion
0008 0014h
SYSTE
M
Module Stop Control Register B
MSTPCRB
32
32
3 ICLK
Low
Power
Consumpt
ion
0008 0018h
SYSTE
M
Module Stop Control Register C
MSTPCRC
32
32
3 ICLK
Low
Power
Consumpt
ion
0008 001Ch
SYSTE
M
Module Stop Control Register D
MSTPCRD
32
32
3 ICLK
Low
Power
Consumpt
ion
0008 0020h
SYSTE
M
System Clock Control Register
SCKCR
32
32
3 ICLK
Clock
Generatio
n Circuit
0008 0024h
SYSTE
M
System Clock Control Register 2
SCKCR2
16
16
3 ICLK
Clock
Generatio
n Circuit
0008 0026h
SYSTE
M
System Clock Control Register 3
SCKCR3
16
16
3 ICLK
Clock
Generatio
n Circuit
0008 0028h
SYSTE
M
PLL Control Register
PLLCR
16
16
3 ICLK
Clock
Generatio
n Circuit
0008 002Ah
SYSTE
M
PLL Control Register 2
PLLCR2
8
8
3 ICLK
Clock
Generatio
n Circuit
0008 0030h
SYSTE
M
External Bus Clock Control Register
BCKCR
8
8
3 ICLK
Clock
Generatio
n Circuit
0008 0032h
SYSTE
M
Main Clock Oscillator Control Register
MOSCCR
8
8
3 ICLK
Clock
Generatio
n Circuit
0008 0033h
SYSTE
M
Sub-Clock Oscillator Control Register
SOSCCR
8
8
3 ICLK
Clock
Generatio
n Circuit
0008 0034h
SYSTE
M
Low-Speed On-Chip Oscillator Control Register
LOCOCR
8
8
3 ICLK
Clock
Generatio
n Circuit
0008 0035h
SYSTE
M
IWDT-Dedicated On-Chip Oscillator Control Register
ILOCOCR
8
8
3 ICLK
Clock
Generatio
n Circuit
0008 0036h
SYSTE
M
High-Speed On-Chip Oscillator Control Register
HOCOCR
8
8
3 ICLK
Clock
Generatio
n Circuit
0008 0037h
SYSTE
M
High-Speed On-Chip Oscillator Control Register 2
HOCOCR2
8
8
3 ICLK
Clock
Generatio
n Circuit
0008 003Ch
SYSTE
M
Oscillation Stabilization Flag Register
OSCOVFSR
8
8
3 ICLK
Clock
Generatio
n Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com