Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 59Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 60Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 61Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 62Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 63Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 64Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 65Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 66Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 63 of 246
Jun 20, 2019
L11
PC2
A18
MTIOC4B/
TCLKA/PO21
ET0_RX_DV/
RXD5/SMISO5/
SSCL5/SSLA3-A
SDHI_D3-A/
SDSI_D3-A/
MMC_CD-A
L12
TRDATA4
P73
CS3#
PO16
ET0_WOL
L13
VSS
M1
P22
EDREQ0
MTIOC3B/
MTCLKC/
TIOCC3/
TMO0/PO2
SCK0/
USB0_OVRCUR
B
SDHI_D0-C*1/
PIXD6
M2
P17
MTIOC3A/
MTIOC3B/
MTIOC4B/
TIOCB0/
TCLKD/TMO1/
PO15/POE8#
SCK1/TXD3/
SMOSI3/SSDA3/
SDA2-DS
SDHI_D3-C*1/
PIXD3
IRQ7
ADTRG1
#
M3
P86
MTIOC4D/
TIOCA0
SMISO10/
SSCL10/RXD10
PIXD1
M4
P12
TMCI1
RXD2/SMISO2/
SSCL2/
SCL0[FM+]
IRQ2
M5
VCC_USB
M6
VSS_USB
M7
P50
WR0#/WR#
TXD2/SMOSI2/
SSDA2/SSLB1-A
M8
PC6
D2[A2/D2]*1/
A22/CS1#
MTIOC3C/
MTCLKA/
TMCI2/PO30/
TIC0
ET0_ETXD3/
RXD8/SMISO8/
SSCL8/
SMISO10/
SSCL10/RXD10/
MOSIA-A
MMC_D6-A
IRQ13
M9
TRDATA1
P81
EDACK0
MTIOC3D/
PO27
ET0_ETXD0/
RMII0_TXD0/
SMISO10/
SSCL10/RXD10
QIO3-A/SDHI_CD/
MMC_D3-A
M10
TRDATA7
P77
CS7#
PO23
ET0_RX_ER/
RMII0_RX_ER/
SMOSI11/
SSDA11/TXD11
QSPCLK-A/
SDHI_CLK-A/
SDSI_CLK-A/
MMC_CLK-A
M11
PC0
A16
MTIOC3C/
TCLKC/PO17
ET0_ERXD3/
CTS5#/RTS5#/
SS5#/SSLA1-A
IRQ14
M12
PC1
A17
MTIOC3A/
TCLKD/PO18
ET0_ERXD2/
SCK5/SSLA2-A
IRQ12
M13
VCC
N1
P21
MTIOC1B/
MTIOC4A/
TIOCA3/
TMCI0/PO1
RXD0/SMISO0/
SSCL0/SCL1*1/
USB0_EXICEN
SDHI_CLK-C*1/
PIXD5
IRQ9
N2
P20
MTIOC1A/
TIOCB3/
TMRI0/PO0
TXD0/SMOSI0/
SSDA0/SDA1*1/
USB0_ID
SDHI_CMD-C*1/
PIXD4
IRQ8
N3
P87
MTIOC4C/
TIOCA2
SMOSI10/
SSDA10/TXD10
SDHI_D2-C*1/
PIXD2
N4
P14
MTIOC3A/
MTCLKA/
TIOCB5/
TCLKA/TMRI2/
PO15
CTS1#/RTS1#/
SS1#/CTX1/
USB0_OVRCUR
A
IRQ4
N5
USB0_DM
N6
USB0_DP
Table 1.7
List of Pin and Pin Functions (145-Pin TFLGA) (6/7)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Memory Interface
Camera Interface
GLCDC
Interrupt
A/D
D/A
145-Pin
TFLGA
(MTU, TPU,
TMR, PPG,
RTC, CMTW,
POE, CAC)
(ETHERC, SCI,
RSPI, RIIC,
CAN, USB)
(QSPI, SDHI, SDSI,
MMCIF, PDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com