Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 360 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 356Page - Renesas Technology Corp H8/3002 Datasheet HTML 357Page - Renesas Technology Corp H8/3002 Datasheet HTML 358Page - Renesas Technology Corp H8/3002 Datasheet HTML 359Page - Renesas Technology Corp H8/3002 Datasheet HTML 360Page - Renesas Technology Corp H8/3002 Datasheet HTML 361Page - Renesas Technology Corp H8/3002 Datasheet HTML 362Page - Renesas Technology Corp H8/3002 Datasheet HTML 363Page - Renesas Technology Corp H8/3002 Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 700 page
background image
— General register settings outside the counting range (H'0000 to GRA3)
Waveforms with a duty cycle of 0% or 100% can be output by setting a general register to
a value outside the counting range. When a buffer register is set to a value outside the
counting range, then later restored to a value within the counting range, the counting
direction (up or down) must be the same both times. See figure 10-42.
Figure 10-42 Changing a General Register Setting by Buffer Transfer (Example 2)
Settings can be made in this way by detecting GRA3 compare match or TCNT4
underflow before writing to the buffer register. They can also be made by using GRA3
compare match to activate the DMAC.
0% duty cycle
100% duty cycle
Write during down-counting
Write during up-counting
GRA3
GR
H'0000
Output pin
Output pin
BR
GR
346



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com