| Electronic Components Datasheet Search |
|
H8/3002 Datasheet(PDF) 72 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3002 Datasheet(HTML) 72 Page - Renesas Technology Corp |
|
72 / 700 page ![]() Section 3 MCU Operating Modes 3.1 Overview 3.1.1 Operating Mode Selection The H8/3002 has four operating modes (modes 1 to 4) that are selected by the mode pins (MD2 to MD0) as indicated in table 3-1. The input at these pins determines the size of the address space and the initial bus mode. Table 3-1 Operating Mode Selection Mode Pins Description Operating Mode MD2 MD1 MD0 Address Space Initial Bus Mode*1 On-Chip RAM — 000 — — — Mode 1 0 0 1 1 Mbyte 8 bits Enabled*2 Mode 2 0 1 0 1 Mbyte 16 bits Enabled*2 Mode 3 0 1 1 16 Mbytes 8 bits Enabled*2 Mode 4 1 0 0 16 Mbytes 16 bits Enabled*2 — 101 — — — — 110 — — — — 111 — — — Notes: 1. In all modes, an 8-bit or 16-bit data bus can be selected on a per-area basis by settings made in the area bus width control register (ABWCR). For details see section 6, Bus Controller. 2. If the RAME in SYSCR is cleared to 0, these addresses become external addresses. For the address space size there are two choices: 1 Mbyte or 16 Mbytes. The external data bus is either 8 or 16 bits wide depending on the settings in the area bus width control register (ABWCR). If 8-bit access is selected for all areas, the external data bus is 8 bits wide. For details see section 6, Bus Controller. Modes 1 to 4 are externally expanded modes that enable access to external memory and peripheral devices. Modes 1 and 2 support a maximum address space of 1 Mbyte. Modes 3 and 4 support a maximum address space of 16 Mbytes. The H8/3002 can only be used in modes 1 to 4. The inputs at the mode pins must select one of these four modes. The inputs at the mode pins must not be changed during operation. 57 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |