| Electronic Components Datasheet Search |
|
H8/3002 Datasheet(PDF) 85 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3002 Datasheet(HTML) 85 Page - Renesas Technology Corp |
|
85 / 700 page ![]() 4.3 Interrupts Interrupt exception handling can be requested by seven external sources (NMI, IRQ0 to IRQ5) and 30 internal sources in the on-chip supporting modules. Figure 4-4 classifies the interrupt sources and indicates the number of interrupts of each type. The on-chip supporting modules that can request interrupts are the watchdog timer (WDT), refresh controller, 16-bit integrated timer-pulse unit (ITU), DMA controller (DMAC), serial communication interface (SCI), and A/D converter. Each interrupt source has a separate vector address. NMI is the highest-priority interrupt and is always accepted. Interrupts are controlled by the interrupt controller. The interrupt controller can assign interrupts other than NMI to two priority levels, and arbitrate between simultaneous interrupts. Interrupt priorities are assigned in interrupt priority registers A and B (IPRA and IPRB) in the interrupt controller. For details on interrupts see section 5, Interrupt Controller. Figure 4-4 Interrupt Sources and Number of Interrupts Interrupts External interrupts Internal interrupts NMI (1) IRQ to IRQ (6) WDT (1) Refresh controller (1) ITU (15) DMAC (4) SCI (8) A/D converter (1) *1 *2 Notes: Numbers in parentheses are the number of interrupt sources. 1. 2. When the watchdog timer is used as an interval timer, it generates an interrupt request at every counter overflow. When the refresh controller is used as an interval timer, it generates an interrupt request at compare match. 0 5 70 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |