Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 24Page - Renesas Technology Corp H8/3002 Datasheet HTML 25Page - Renesas Technology Corp H8/3002 Datasheet HTML 26Page - Renesas Technology Corp H8/3002 Datasheet HTML 27Page - Renesas Technology Corp H8/3002 Datasheet HTML 28Page - Renesas Technology Corp H8/3002 Datasheet HTML 29Page - Renesas Technology Corp H8/3002 Datasheet HTML 30Page - Renesas Technology Corp H8/3002 Datasheet HTML 31Page - Renesas Technology Corp H8/3002 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 700 page
background image
Table 1-3 Pin Functions (cont)
Pin No.
FP-100B,
Type
Symbol
TFP-100B
FP-100A
I/O
Name and Function
System
RES
63
65
Input
Reset input: When driven low, this pin
control
resets control the H8/3002
RESO
10
12
Output
Reset output: Outputs the reset signal
generated by the watchdog timer to external
devices.
STBY
62
64
Input
Standby: When driven low, this pin forces a
transition to hardware standby mode
BREQ
59
61
Input
Bus request: Used by an external bus
master to request the bus right from the
H8/3002
BACK
60
62
Output
Bus request acknowledge: Indicates that
the bus has been granted to an external bus
master
Interrupts
NMI
64
66
Input
Nonmaskable interrupt: Requests a
nonmaskable interrupt
IRQ5 to
17, 16,
19, 18
Input
Interrupt request 5 to 0: Maskable
IRQ0
90 to 87
92 to 89
interrupt request pins
Address
Modes
A19 to 56 to 45,
58 to 47
Output
Address bus: Outputs address signals
bus
1 and 2 A0
43 to 36
45 to38
Modes
A23 to 100 to 97,
99, 100,
3 and 4 A0
56 to 45,
1, 2,
43 to 36
58 to 47
45 to 38
Data bus
D15 to D0
34 to 23,
36 to 25
Input/
Data bus: Bidirectional data bus
21 to 18
23 to 20
output
Bus control
CS3 to CS0
91 to 88
90 to 93
Output
Chip select: Select signals for areas 3 to 0
AS
69
71
Output
Address strobe: Goes low to indicate valid
address output on the address bus
RD
70
72
Output
Read: Goes low to indicate reading from the
external address space
HWR
71
73
Output
High write: Goes low to indicate writing to
the external address space; indicates valid
data on the upper data bus (D15 to D8).
LWR
72
74
Output
Low write: Goes low to indicate writing to
the external address space; indicates valid
data on the lower data bus (D7 to D0).
WAIT
58
60
Input
Wait: Requests insertion of wait states in
bus cycles during access to the external
address space
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com