Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 14Page - Renesas Technology Corp H8/3002 Datasheet HTML 15Page - Renesas Technology Corp H8/3002 Datasheet HTML 16Page - Renesas Technology Corp H8/3002 Datasheet HTML 17Page - Renesas Technology Corp H8/3002 Datasheet HTML 18Page - Renesas Technology Corp H8/3002 Datasheet HTML 19Page - Renesas Technology Corp H8/3002 Datasheet HTML 20Page - Renesas Technology Corp H8/3002 Datasheet HTML 21Page - Renesas Technology Corp H8/3002 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 700 page
background image
Table 1-1 Features (cont)
Feature
Description
• Five 16-bit timer channels, capable of processing up to 12 pulse outputs or 10
pulse inputs
• 16-bit timer counter (channels 0 to 4)
• Two multiplexed output compare/input capture pins (channels 0 to 4)
• Operation can be synchronized (channels 0 to 4)
• PWM mode available (channels 0 to 4)
• Phase counting mode available (channel 2)
• Buffering available (channels 3 and 4)
• Reset-synchronized PWM mode available (channels 3 and 4)
• Complementary PWM mode available (channels 3 and 4)
• DMAC can be activated by compare match/input capture A interrupt
(channels 0 to 3)
• Maximum 16-bit pulse output, using ITU as time base
• Up to four 4-bit pulse output groups (or one 16-bit group, or two 8-bit groups)
• Non-overlap mode available
• Output data can be transferred by DMAC
Watchdog
• Reset signal can be generated by overflow
timer (WDT),
• Reset signal can be output externally
1 channel
• Usable as an interval timer
Serial
• Selection of asynchronous or synchronous mode
communication
• Full duplex: can transmit and receive simultaneously
interface (SCI),
• On-chip baud-rate generator
2 channels
A/D converter
• Resolution: 10 bits
• Eight channels, with selection of single or scan mode
• Variable analog conversion voltage range
• Sample-and-hold function
• Can be externally triggered
I/O ports
• 38 input/output pins
• 8 input-only pins
16-bit integrated
timer unit (ITU)
Programmable
timing pattern
controller (TPC)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com