Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 375 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 371Page - Renesas Technology Corp H8/3002 Datasheet HTML 372Page - Renesas Technology Corp H8/3002 Datasheet HTML 373Page - Renesas Technology Corp H8/3002 Datasheet HTML 374Page - Renesas Technology Corp H8/3002 Datasheet HTML 375Page - Renesas Technology Corp H8/3002 Datasheet HTML 376Page - Renesas Technology Corp H8/3002 Datasheet HTML 377Page - Renesas Technology Corp H8/3002 Datasheet HTML 378Page - Renesas Technology Corp H8/3002 Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 700 page
background image
10.5.3 Interrupt Sources and DMA Controller Activation
Each ITU channel can generate a compare match/input capture A interrupt, a compare match/input
capture B interrupt, and an overflow interrupt. In total there are 15 interrupt sources, all
independently vectored. An interrupt is requested when the interrupt request flag and interrupt
enable bit are both set to 1.
The priority order of the channels can be modified in interrupt priority registers A and B (IPRA
and IPRB). For details see section 5, Interrupt Controller.
Compare match/input capture A interrupts in channels 0 to 3 can activate the DMA controller
(DMAC). When the DMAC is activated a CPU interrupt is not requested.
Table 10-10 lists the interrupt sources.
Table 10-10 ITU Interrupt Sources
Interrupt
DMAC
Channel
Source
Description
Activatable
Priority*
0
IMIA0
Compare match/input capture A0
Yes
High
IMIB0
Compare match/input capture B0
No
OVI0
Overflow 0
No
1
IMIA1
Compare match/input capture A1
Yes
IMIB1
Compare match/input capture B1
No
OVI1
Overflow 1
No
2
IMIA2
Compare match/input capture A2
Yes
IMIB2
Compare match/input capture B2
No
OVI2
Overflow 2
No
3
IMIA3
Compare match/input capture A3
Yes
IMIB3
Compare match/input capture B3
No
OVI3
Overflow 3
No
4
IMIA4
Compare match/input capture A4
No
IMIB4
Compare match/input capture B4
No
OVI4
Overflow 4
No
Low
Note: * The priority immediately after a reset is indicated. Inter-channel priorities can be changed
by settings in IPRA and IPRB.
361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com