Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 461 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 457Page - Renesas Technology Corp H8/3002 Datasheet HTML 458Page - Renesas Technology Corp H8/3002 Datasheet HTML 459Page - Renesas Technology Corp H8/3002 Datasheet HTML 460Page - Renesas Technology Corp H8/3002 Datasheet HTML 461Page - Renesas Technology Corp H8/3002 Datasheet HTML 462Page - Renesas Technology Corp H8/3002 Datasheet HTML 463Page - Renesas Technology Corp H8/3002 Datasheet HTML 464Page - Renesas Technology Corp H8/3002 Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 700 page
background image
Table 13-8 SMR Settings and Serial Communication Formats
SCI Communication Format
Multi-
Stop
Bit 7
Bit 6
Bit 2
Bit 5
Bit 3
Data
processor
Parity
Bit
C/
A
CHR
MP
PE
STOP
Mode
Length
Bit
Bit
Length
00000
8-bit data
Absent
Absent
1 bit
00001
2 bits
00010
Present
1 bit
00011
2 bits
01000
7-bit data
Absent
1 bit
01001
2 bits
01010
Present
1 bit
01011
2 bits
001—
0
8-bit data
Present
Absent
1 bit
001—
1
2 bits
011—
0
7-bit data
1 bit
011—
1
2 bits
1
————
Synchronous
8-bit data
Absent
None
mode
Table 13-9 SMR and SCR Settings and SCI Clock Source Selection
SMR
SCR Settings
Bit 7
Bit 1
Bit 0
C/
A
CKE1 CKE0
Mode
Clock Source
SCK Pin Function
0
0
0
Asynchronous mode
Internal
SCI does not use the SCK pin
0
0
1
Outputs a clock with frequency
matching the bit rate
0
1
0
External
01
1
1
0
0
Synchronous mode
Internal
Outputs the serial clock
10
1
1
1
0
External
Inputs the serial clock
11
1
SMR Settings
Asynchronous
mode
Asynchronous
mode (multi-
processor
format)
SCI Transmit/Receive Clock
Inputs a clock with frequency
16 times the bit rate
447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com