Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 138Page - Renesas Technology Corp H8/3002 Datasheet HTML 139Page - Renesas Technology Corp H8/3002 Datasheet HTML 140Page - Renesas Technology Corp H8/3002 Datasheet HTML 141Page - Renesas Technology Corp H8/3002 Datasheet HTML 142Page - Renesas Technology Corp H8/3002 Datasheet HTML 143Page - Renesas Technology Corp H8/3002 Datasheet HTML 144Page - Renesas Technology Corp H8/3002 Datasheet HTML 145Page - Renesas Technology Corp H8/3002 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 700 page
background image
Pin Auto-Wait Mode: If the
WAIT pin is low, the number of wait states (TW) selected by bits
WC1 and WC0 are inserted.
In pin auto-wait mode, if the
WAIT pin is low at the fall of the system clock (ø) in the T2 state,
the number of wait states (TW) selected by bits WC1 and WC0 are inserted. No additional wait
states are inserted even if the
WAIT pin remains low. Pin auto-wait mode can be used for an easy
interface to low-speed memory, simply by routing the chip select signal to the
WAIT pin.
Figure 6-14 shows the timing when the wait count is 1.
Figure 6-14 Pin Auto-Wait Mode
ø
Address bus
Data bus
AS
RD
HWR
Data bus
,
LWR
T1
T2
T3
T1
T2
TW
T3
*
*
Read data
Read data
Write data
Write data
Read
access
Write
access
Note:
Arrows indicate time of sampling of the
pin.
*
WAIT
External address
External address
WAIT
RS
,
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com