Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 144Page - Renesas Technology Corp H8/3002 Datasheet HTML 145Page - Renesas Technology Corp H8/3002 Datasheet HTML 146Page - Renesas Technology Corp H8/3002 Datasheet HTML 147Page - Renesas Technology Corp H8/3002 Datasheet HTML 148Page - Renesas Technology Corp H8/3002 Datasheet HTML 149Page - Renesas Technology Corp H8/3002 Datasheet HTML 150Page - Renesas Technology Corp H8/3002 Datasheet HTML 151Page - Renesas Technology Corp H8/3002 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 700 page
background image
DMAC: When the DMAC receives an activation request, it requests the bus right from the bus
arbiter. If the DMAC is bus master and the refresh controller or an external bus master requests
the bus, the bus arbiter transfers the bus right from the DMAC to the bus master that requested the
bus. The bus right is transferred at the following times.
The bus right is transferred when the DMAC finishes transferring 1 byte or 1 word. A DMAC
transfer cycle consists of a read cycle and a write cycle. The bus right is not transferred between
the read cycle and the write cycle.
There is a priority order among the DMAC channels. For details see section 8.4.9, Multiple-
Channel Operation.
Refresh Controller: When a refresh cycle is requested, the refresh controller requests the bus
right from the bus arbiter. When the refresh cycle is completed, the refresh controller releases the
bus. For details see section 7, Refresh Controller.
External Bus Master: When the BRLE bit is set to 1 in BRCR, the bus can be released to an
external bus master. The external bus master has highest priority, and requests the bus right from
the bus arbiter by driving the
BREQ signal low. Once the external bus master gets the bus, it keeps
the bus right until the
BREQ signal goes high. While the bus is released to an external bus master,
the H8/3002 holds the address bus and data bus control signals (
AS, RD, HWR, and LWR) in the
high-impedance state, and holds the
BACK pin in the low output state.
The bus arbiter samples the
BREQ pin at the rise of the system clock (ø). If BREQ is low, the bus
is released to the external bus master at the appropriate opportunity. The
BREQ signal should be
held low until the
BACK signal goes low.
When the
BREQ pin is high in two consecutive samples, the BACK signal is driven high to end
the bus-release cycle.
133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com